Electronic Components Datasheet Search
  English  ▼

X  

HD3SS2521 Datasheet(PDF) 11 Page - Texas Instruments

Part # HD3SS2521
Description  DockPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS2521 Datasheet(HTML) 11 Page - Texas Instruments

Back Button HD3SS2521 Datasheet HTML 7Page - Texas Instruments HD3SS2521 Datasheet HTML 8Page - Texas Instruments HD3SS2521 Datasheet HTML 9Page - Texas Instruments HD3SS2521 Datasheet HTML 10Page - Texas Instruments HD3SS2521 Datasheet HTML 11Page - Texas Instruments HD3SS2521 Datasheet HTML 12Page - Texas Instruments HD3SS2521 Datasheet HTML 13Page - Texas Instruments HD3SS2521 Datasheet HTML 14Page - Texas Instruments HD3SS2521 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
HD3SS2521
www.ti.com
SLAS941A – APRIL 2013 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS – DEVICE PARAMETERS (continued)
(under recommended operating conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HS_OE#_IN , HS_SEL_IN
IIH
Input High Current
VCC = 3.6V, VIN = VCC
1
µA
IIL
Input Low Current
VCC = 3.6V, VIN = GND
1
µA
AxP/N, BxP/N, CxP/N
VCC = 3.6V, VIN = 0V, VOUT = 2V
130
(ILK on open outputs Port B and C)
ILK
High-impedance leakage current
µA
VCC = 3.6V, VIN = 0V, VOUT = 2V
4
(ILK on open outputs Port A)
ADP/DM, BDP/DM, CDP/DM
VCC = 3.6V, VIN = 0V, VOUT = 0V to 4V,
ILK
High-impedance leakage current
1
µA
HS_OE#_IN = GND
ELECTRICAL CHARACTERISTICS – SIGNAL SWITCH PARAMETERS
(under recommended operating conditions; RL, Rsc = 50
Ω, CL = 10pF unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AxP/N, BxP/N, CxP/N HIGH-BANDWIDTH SIGNAL PATH
tPD
Switch Propagation Delay
Rsc and RL = 50
Ω, See Figure 5
85
ps
Ton
SS_SEL_IN -to-Switch Ton
70
250
Rsc and RL = 50
Ω, See Figure 4
ns
Toff
SS_SEL_IN -to-Switch Toff
70
250
TSK(O)
Inter-Pair Output Skew (CH-CH)
20
ps
Rsc and RL = 50
Ω, See Figure 5
TSK(b-b)
Intra-Pair Output Skew (bit-bit)
8
ps
CON
Outputs ON Capacitance
VIN = 0V, Outputs Open, Switch ON
1.5
pF
COFF
Outputs OFF Capacitance
VIN = 0V, Outputs Open, Switch OFF
1
pF
VCC = 3.3V, VCM = 0.5V – 1.5V,
RON
Output ON resistance
5
8
Ω
IO = –8 mA
On resistance match between channels
2
VCC = 3.3V; –0.35V ≤ VIN ≤ 1.2V;
ΔRON
Ω
On resistance match between pairs of the
IO = –8 mA
0.7
same channel
RFLAT_ON On resistance flatness [RON(MAX) – RON(MIN)]
VCC = 3.3V; –0.35V ≤ VIN ≤ 1.2V
1.15
Ω
f = 2.5 GHz
–12
RL
Differential Return Loss (VCM = 0V)
dB
f = 4.0 GHz
–11
f = 2.5 GHz
–39
XTALK
Differential Crosstalk (VCM = 0V)
dB
f = 4.0 GHz
–35
f = 2.5 GHz
–22
OIRR
Differential Off-Isolation (VCM = 0V)
dB
f = 4.0 GHz
–19
f = 2.5 GHz
–1.1
IL
Differential Insertion Loss (VCM = 0V)
dB
f = 4.0 GHz
–1.5
BW
Bandwidth
At -3 dB
6
GHz
ADP/DM, BDP/DM, CDP/DM SIGNAL PATH
tPD
Switch Propagation Delay
Rsc and RL = 50
Ω, See Figure 5
250
ps
HS_SEL_IN -to-Switch Ton
30
Ton
Rsc and RL = 50
Ω, See Figure 4
HS_OE#_IN -to-Switch Ton
17
ns
HS_SEL_IN Toff
12
Toff
Rsc and RL = 50
Ω, See Figure 4
HS_OE#_IN -to-Switch Toff
10
TSK(O)
Inter-Pair Output Skew (CH-CH)
10
20
ps
Rsc and RL = 50
Ω, See Figure 5
TSK(b-b)
Intra-Pair Output Skew (bit-bit)
10
20
ps
VIN = VCC or 0V, Outputs Open,
CON
Outputs ON Capacitance
6
7.5
pF
Switch ON
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :HD3SS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com