Electronic Components Datasheet Search
  English  ▼

X  

HD3SS2521 Datasheet(PDF) 7 Page - Texas Instruments

Part # HD3SS2521
Description  DockPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS2521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button HD3SS2521 Datasheet HTML 3Page - Texas Instruments HD3SS2521 Datasheet HTML 4Page - Texas Instruments HD3SS2521 Datasheet HTML 5Page - Texas Instruments HD3SS2521 Datasheet HTML 6Page - Texas Instruments HD3SS2521 Datasheet HTML 7Page - Texas Instruments HD3SS2521 Datasheet HTML 8Page - Texas Instruments HD3SS2521 Datasheet HTML 9Page - Texas Instruments HD3SS2521 Datasheet HTML 10Page - Texas Instruments HD3SS2521 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
HD3SS2521
www.ti.com
SLAS941A – APRIL 2013 – REVISED MAY 2013
PIN FUNCTIONS (continued)
SIGNAL
DockPort HOST
DockPort DEVICE
SPEED
PIN
I/O
PIN NAME
(SIGNAL MUX)
(SIGNAL DE-MUX)
(MAX)
19
O
HS_SEL_OUT
DisplayPort / High-speed USB Mux Select (Connect to HS_SEL_IN - Pin 12)
This signal in conjunction with SS_SEL_OUT is sampled at power-on or reset to
determine the voltage level supplied to a DockPort host and must be strapped to
correct logic level for the corresponding voltage level: 5 V, 12 V or 19 V.
Refer to the Power Delivery Voltage Selection table for strapping options.
After power-on/reset, this signal is driven by DockPort host to select the device
operation between DisplayPort and High-speed USB.
MM 0 = DisplayPort
MM 1 = High-speed USB
20
O
SS_SEL_OUT
DisplayPort / SuperSpeed USB Mux Select (Connect to SS_SEL_IN - Pin 7)
This signal in conjunction with HS_SEL_OUT is sampled at power-on or reset to
determine the voltage level to be supplied to a DockPort host and must be
strapped to correct logic level for the corresponding voltage level: 5 V, 12 V or
19 V.
Refer to the Power Delivery Voltage Selection table for strapping options.
After power-on/reset, this signal is driven by DockPort host to select the device
operation between DisplayPort and SuperSpeed USB.
MM 0 = DisplayPort
MM 1 = SuperSpeed USB
28
I/O
CONFIG_2
DisplayPort CONFIG2/CEC
29
I/O
CONFIG_1
DisplayPort CONFIG1/CAD
21
O
CHRG_OFF
This signal controls the power delivery
—
circuit.
MST_MODE
—
MST Mode Input from MST HUB
which indicates 2/4 DisplayPort lane
switch.
0 = 2-lane (external 10 k
Ω Pull-down)
1 = 4-lane (external 10 k
Ω Pull-up)
22
O
CHRG_DELAY
This signal controls the power delivery
—
circuit.
CHRG_EN#
—
This signal is the power delivery
enable for a DockPort hub.
23
I
SLEEP#
Connect to the DockPort host sleep state
—
signal.
FAULT#
—
Connect to the fault indicator of the
power management circuit
25
I
SYS_COM_REQ
External 100K Pull–down required. This
signal is a sampled at power on or reset
to determine if the system is in a FW
update mode.
After power on reset, the signal is used
for communication request via a GPIO in
a DockPort host for communication
request
O
VCTRL_SEL1
—
Power enable for 5 V power delivery
In additon, this signal is sampled at
power on or reset to determine the
mode of operation:
0 = DockPort hub (external 10 k
Ω
Pull-down)
1 = DockPort dongle (external 10 k
Ω
Pull-up)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :HD3SS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com