Electronic Components Datasheet Search
  English  ▼

X  

HD3SS2521 Datasheet(PDF) 1 Page - Texas Instruments

Part # HD3SS2521
Description  DockPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS2521 Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS2521 Datasheet HTML 1Page - Texas Instruments HD3SS2521 Datasheet HTML 2Page - Texas Instruments HD3SS2521 Datasheet HTML 3Page - Texas Instruments HD3SS2521 Datasheet HTML 4Page - Texas Instruments HD3SS2521 Datasheet HTML 5Page - Texas Instruments HD3SS2521 Datasheet HTML 6Page - Texas Instruments HD3SS2521 Datasheet HTML 7Page - Texas Instruments HD3SS2521 Datasheet HTML 8Page - Texas Instruments HD3SS2521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Control
Logic
DP Lane 2
SuperSpeed USB TX
SuperSpeed USB RX
DP Lane 3
DP Config 1
DP Config 2
USB DP
USB DM
DockPort_C2_DM
DockPort_C1_DP
DockPort_L2_TX
DockPort_L3_RX
HD3SS2521
www.ti.com
SLAS941A – APRIL 2013 – REVISED MAY 2013
DockPort Controller
Check for Samples: HD3SS2521
1
FEATURES
•
Ideal for DockPort Applications
•
ESD
–
Bi-Directional 2:1 Switch for USB 2.0
–
HBM: 2000V
(HS/FS/LS) and HPD Signals
–
CDM: 500V
–
Bi-Directional 2:1 Switch for SuperSpeed
USB and DisplayPort Signals
APPLICATIONS
–
Integrated DockPort Controller Manages
•
Desktop PCs
DockPort Detection, Signal Switching and
•
Notebook PCs
Power Switching
•
Tablets
•
Supports Host-and Dock-side Applications
•
Docking Station
•
VCC Operating Range 3.3V ± 10%
•
SuperSpeed USB I/O Supports Common Mode
Voltage from 0V to 2.2V
•
USB 2.0 I/O Supports Signal Up to 3.6V
•
Wide –3dB Differential BW on High-bandwidth
Path of over 6 GHz
•
Excellent High-bandwidth Path Dynamic
Characteristics on (at 2.5GHz)
–
Crosstalk = –39dB
–
Isolation = –22dB
–
Insertion Loss = –1.2dB
–
Return Loss = 12 dB
–
Max Bit-Bit Skew = 8 ps
•
5mm x11mm, 56-Pin WQFN Package (RHU)
Figure 1. DockPort Functional Diagram
DESCRIPTION
The HD3SS2521 is an integrated DockPort switch solution. It provides independent 2:1 passive switching for the
SuperSpeed USB and Display Port signals as well as for the USB 2.0 (HS/FS/LS) and I2C necessary to support
DockPort applications. In addition, a firmware upgradable integrated DockPort controller is provided to manage
host and dock side DockPort detection, signal switch and power configuration.
The HD3SS2521 is offered in 56-pin WQFN package and is specified to operate from a single supply voltage of
3.3V over the temperature range of 0°C to 70°C .
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright © 2013, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - HD3SS2521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS2521 TI-HD3SS2521 Datasheet
363Kb / 18P
DockPort Controller
HD3SS2521 TI1-HD3SS2521 Datasheet
906Kb / 20P
DockPort Controller
HD3SS2521RHUR TI1-HD3SS2521RHUR Datasheet
906Kb / 20P
DockPort Controller
HD3SS2521RHUT TI1-HD3SS2521RHUT Datasheet
906Kb / 20P
DockPort Controller
HD3SS2521 TI1-HD3SS2521_16 Datasheet
906Kb / 20P
DockPort Controller
More results

Similar Description - HD3SS2521

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
CAN (Controller Area Network) Controller
logo
Power-One
XCS POWER-ONE-XCS Datasheet
36Kb / 2P
Controller
logo
Hitachi Semiconductor
H2570 HITACHI-H2570 Datasheet
114Kb / 2P
CONTROLLER
logo
Texas Instruments
HD3SS2521 TI-HD3SS2521 Datasheet
363Kb / 18P
DockPort Controller
HD3SS2521 TI1-HD3SS2521_16 Datasheet
906Kb / 20P
DockPort Controller
logo
ON Semiconductor
FUSB3301 ONSEMI-FUSB3301 Datasheet
112Kb / 7P
Controller for Controller for Adapters
March, 2018 ??Rev. 2
logo
TT Electronics.
DS3019 TTELEC-DS3019 Datasheet
310Kb / 2P
Controller
logo
Festo Corporation.
4252742 FESTO-4252742 Datasheet
84Kb / 3P
Controller
4252744 FESTO-4252744 Datasheet
85Kb / 3P
Controller
5226780 FESTO-5226780 Datasheet
76Kb / 2P
Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com