Electronic Components Datasheet Search
  English  ▼

X  

LM74 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM74
Description  LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM74 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM74 Datasheet HTML 12Page - Texas Instruments LM74 Datasheet HTML 13Page - Texas Instruments LM74 Datasheet HTML 14Page - Texas Instruments LM74 Datasheet HTML 15Page - Texas Instruments LM74 Datasheet HTML 16Page - Texas Instruments LM74 Datasheet HTML 17Page - Texas Instruments LM74 Datasheet HTML 18Page - Texas Instruments LM74 Datasheet HTML 19Page - Texas Instruments LM74 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-May-2025
PACKAGING INFORMATION
Orderable
part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM74CIM-3
Last
Time Buy
Production
SOIC (D) | 8
95 | TUBE
No
Call TI
Level-1-235C-UNLIM
-55 to 150
LM74
CIM3
LM74CIM-3/NOPB
Obsolete
Production
SOIC (D) | 8
-
-
Call TI
Call TI
-55 to 150
LM74
CIM3
LM74CIM-5
NRND
Production
SOIC (D) | 8
95 | TUBE
No
Call TI
Level-1-235C-UNLIM
-55 to 150
LM74
CIM5
LM74CIM-5/NOPB
Obsolete
Production
SOIC (D) | 8
-
-
Call TI
Call TI
-55 to 150
LM74
CIM5
LM74CIMX-3
NRND
Production
SOIC (D) | 8
2500 | LARGE T&R
No
Call TI
Level-1-235C-UNLIM
-55 to 150
LM74
CIM3
LM74CIMX-3/NOPB
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 150
LM74
CIM3
LM74CIMX-5/NOPB
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 150
LM74
CIM5
LM74CITP-3/NOPB
Obsolete
Production
DSBGA (YTA) | 5
-
-
Call TI
Call TI
-40 to 125
10
LM74CITPX-3/NOPB
Active
Production
DSBGA (YTA) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
10
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without
limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available
for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the
finish value exceeds the maximum column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per
JEDEC standards is shown. Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com