Electronic Components Datasheet Search
  English  ▼

X  

LM74 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM74
Description  LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM74 Datasheet(HTML) 1 Page - Texas Instruments

  LM74 Datasheet HTML 1Page - Texas Instruments LM74 Datasheet HTML 2Page - Texas Instruments LM74 Datasheet HTML 3Page - Texas Instruments LM74 Datasheet HTML 4Page - Texas Instruments LM74 Datasheet HTML 5Page - Texas Instruments LM74 Datasheet HTML 6Page - Texas Instruments LM74 Datasheet HTML 7Page - Texas Instruments LM74 Datasheet HTML 8Page - Texas Instruments LM74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM74
www.ti.com
SNIS107K – MAY 2000 – REVISED MARCH 2013
LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
Check for Samples: LM74
1
FEATURES
DESCRIPTION
The LM74 is a temperature sensor, Delta-Sigma
2
•
0.0625°C Temperature Resolution
analog-to-digital
converter
with
an
SPI
and
•
Shutdown Mode Conserves Power Between
MICROWIRE compatible interface. The host can
Temperature Reading
query the LM74 at any time to read temperature. A
•
SPI and MICROWIRE Bus Interface
shutdown mode decreases power consumption to
less than 10
μA. This mode is useful in systems
•
5-Bump DSBGA Package Saves Space
where low average power consumption is critical.
APPLICATIONS
The LM74 has 12-bit plus sign temperature resolution
(0.0625°C
per
LSB)
while
operating
over
a
•
System Thermal Management
temperature range of
−55°C to +150°C.
•
Personal Computers
The LM74's 3.0V to 5.5V supply voltage range, low
•
Disk Drives
supply current and simple SPI interface make it ideal
•
Office Electronics
for a wide range of applications. These include
thermal management and protection applications in
•
Electronic Test Equipment
hard disk drives, printers, electronic test equipment,
and office electronics. The LM74 is available in the
KEY SPECIFICATIONS
SOIC package as well as the 5-Bump DSBGA
•
Supply Voltage 3.0V or 2.65V to 5.5V
package.
•
Supply Current
Block Diagram
–
Operating
–
265
μA (typ)
–
520
μA (max)
–
Shutdown
–
3
μA (typ)
•
Temperature Accuracy
–
−10°C to 65°C, ±1.25°C(max)
–
−25°C to 110°C, ±2.1°C(max)
–
−55°C to 125°C, ±3°C(max)
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM74 NSC-LM74 Datasheet
293Kb / 15P
SPI/MICROWIRE??Digital Temperature Sensor
LM74 NSC-LM74 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
LM Technologies Ltd
LM740 LMTECHNOLOGIES-LM740 Datasheet
4Mb / 8P
Bluetooth Audio Module Class 2 Module CSR BC05 MM - External Antenna
27/FEB/2015
logo
Seoul Semiconductor
LM740Z SEOUL-LM740Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
logo
National Semiconductor ...
LM741 NSC-LM741 Datasheet
213Kb / 8P
Operational Amplifier
May 1998
More results

Similar Description - LM74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM74A NSC-LM74A Datasheet
605Kb / 12P
SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM74CIM-3-NOPB TI1-LM74CIM-3-NOPB Datasheet
1Mb / 22P
LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 TI-LM74_15 Datasheet
1Mb / 22P
LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
LM74A TI-LM74A_15 Datasheet
395Kb / 15P
LM74A SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com