Electronic Components Datasheet Search
  English  ▼

X  

LM74 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM74
Description  LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM74 Datasheet(HTML) 2 Page - Texas Instruments

  LM74 Datasheet HTML 1Page - Texas Instruments LM74 Datasheet HTML 2Page - Texas Instruments LM74 Datasheet HTML 3Page - Texas Instruments LM74 Datasheet HTML 4Page - Texas Instruments LM74 Datasheet HTML 5Page - Texas Instruments LM74 Datasheet HTML 6Page - Texas Instruments LM74 Datasheet HTML 7Page - Texas Instruments LM74 Datasheet HTML 8Page - Texas Instruments LM74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
COP8SA
Micro-
Controller
L0(GPI/O)
SI
SK
CS
SI/O
SC
V
+
GND
+3.3 V
0.1 µF
GND (A3)
SC (A2)
SI/O (A1)
(B3) CS
(B1) V
+
LM74
SNIS107K – MAY 2000 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 2. SOIC – Top View
Figure 3. 5-Bump DSBGA – Top View
See Package Number D
See Package Number YTA0005
PIN DESCRIPTIONS
SOIC
DSBGA
Label
Function
Typical Connection
Pin #
Pin #
Slave Input/Output - Serial bus bi-directional data line.
SI/O
1
1
From and to Controller
Schmitt trigger input.
Slave Clock - Serial bus clock Schmitt trigger input
SC
2
5
From Controller
line.
NC
3
No Connection
No Connection
GND
4
4
Power Supply Ground
Ground
NC
5
No Connection
No Connection
NC
6
No Connection
No Connection
CS
7
3
Chip Select input.
From Controller
DC Voltage from 3.0V to 5.5V for the LM74CIM
and 2.65V to 5.5V for the LM74CIBP and
V+
8
2
Positive Supply Voltage Input
LM74CITP. Bypass with a 0.1
μF ceramic
capacitor.
Typical Application
Figure 4. COP Microcontroller Interface
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com