Electronic Components Datasheet Search
  English  ▼

X  

LM74 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM74
Description  LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM74 Datasheet(HTML) 4 Page - Texas Instruments

  LM74 Datasheet HTML 1Page - Texas Instruments LM74 Datasheet HTML 2Page - Texas Instruments LM74 Datasheet HTML 3Page - Texas Instruments LM74 Datasheet HTML 4Page - Texas Instruments LM74 Datasheet HTML 5Page - Texas Instruments LM74 Datasheet HTML 6Page - Texas Instruments LM74 Datasheet HTML 7Page - Texas Instruments LM74 Datasheet HTML 8Page - Texas Instruments LM74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM74
SNIS107K – MAY 2000 – REVISED MARCH 2013
www.ti.com
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V for the LM74CIBP -3, LM74CITP-3, V+ = 3.0V to
3.6V for the LM74CIM -3 and V
+ = 4.5V to 5.5V for the LM74 -5(1). Boldface limits apply for T
A = TJ = TMIN to TMAX; all other
limits TA = TJ=+25°C, unless otherwise noted.
Typical(2)
LM74-5
LM74-3
Units
Parameter
Conditions
Limits(3)
Limits(3)
(Limit)
Temperature Error(1)
TA = −10°C to +65°C
±1.25
±1.25
°C (max)
TA = −25°C to +110°C
±2.1
+2.65/
−2.15
°C (max)
TA = −40°C to +85°C
+2.65/
−1.65
±2.15
°C (max)
TA = −40°C to +110°C
+2.65/
+2.65/
−2.15
°C (max)
−2.0
TA = −55°C to +125°C
±3.0
±3.5
°C (max)
TA = −55°C to +150°C
±5.0
±5.0
°C (max)
Resolution
13
Bits
Temperature
SOIC See(4)
280
425
425
ms (max)
Conversion Time
DSBGA See(4)
611
925
925
ms (max)
Quiescent Current
SOIC Serial Bus Inactive
310
520
520
μA (max)
DSBGA
265
470
470
μA (max)
SOIC Serial Bus Active
310
μA
DSBGA
310
μA
SOIC Shutdown Mode,
7
μA
V+ = 3.3V
DSBGA
3
μA
SOIC Shutdown Mode,
8
μA
V+ = 5V
DSBGA
4
μA
(1)
All SOP (LM74CIM) parts will function over the V+ supply voltage range of 3V to 5.5V. All DSBGA (LM74SIBP and LM75CITP) parts will
function over the V+ supply voltage range of 2.65V to 5.5V. The SOP (LM74CIM) parts are tested and specified for rated temperature
error at their nominal supply voltage for temperature ranges of
−10°C to +65°C, −55°C to +125°C and −55°C to +150°C. For the SOP
(LM74CIM) parts, the temperature error specifications for temperature ranges of
−40°C to +85°C, −25°C to +110°C, and −40°C to
+110°C include error induced by power supply variation of ±5% from the nominal value. For the LM74CIM (SOP) parts, the temperature
error will increase by ±0.3°C for a power supply voltage (V+) variation of ±10% from the nominal value.For the LM74CIBP-3 and
LM74CITP-3 (DSBGA) parts all accuracies are ensured over the supply range of 2.65V to 3.6V, except for the temperature ranges of -
55°C to 125°C and
−55°C to +150°C where the accuracy applies for the nominal supply voltage of 3.3V. For the LM74CIBP-5 and
LM74CITP-5 (DSBGA) parts all accuracies are guranteed over the supply range of 4.75V to 5.25V, except for the temperature ranges of
-55°C to 125°C and
−55°C to +150°C where the accuracy applies for the nominal supply voltage of 5.0V. For the LM74CIBP and
LM74CITP over -55°C to 125°C and
−55°C to +150°C, a power supply variation of ±10% will degrade the accuracy by ±0.3°C.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are specified to AOQL (Average Outgoing Quality Level).
(4)
This specification is provided only to indicate how often temperature data is updated. The LM74 can be read at any time without regard
to conversion state (and will yield last conversion result). A conversion in progress will not be interrupted. The output shift register will be
updated at the completion of the read and a new conversion restarted.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com