Electronic Components Datasheet Search
  English  ▼

X  

LM74 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM74
Description  LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM74 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM74 Datasheet HTML 7Page - Texas Instruments LM74 Datasheet HTML 8Page - Texas Instruments LM74 Datasheet HTML 9Page - Texas Instruments LM74 Datasheet HTML 10Page - Texas Instruments LM74 Datasheet HTML 11Page - Texas Instruments LM74 Datasheet HTML 12Page - Texas Instruments LM74 Datasheet HTML 13Page - Texas Instruments LM74 Datasheet HTML 14Page - Texas Instruments LM74 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM74
www.ti.com
SNIS107K – MAY 2000 – REVISED MARCH 2013
The following communication can be used to determine the Manufacturer's/Device ID and then immediately place
the part into continuous conversion mode. With CS continuously low:
•
Read 16 bits of temperature data
•
Write 16 bits of data commanding shutdown
•
Read 16 bits of Manufacture's/Device ID data
•
Write 8 to 16 bits of data commanding Conversion Mode
•
Take CS HIGH.
Note that one complete temperature conversion period will have to pass before the LM74 Temperature register
will contain the new temperature data. Until then, it will contain a "stale" temperature (the data that was in the
register before going into shutdown mode).
Temperature Data Format
Temperature data is represented by a 13-bit, two's complement word with an LSB (Least Significant Bit) equal to
0.0625°C:
Temperature
Digital Output
Binary
Hex
+150°C
0100 1011 0000 0111
4B 07h
+125°C
0011 1110 1000 0111
3E 87h
+25°C
0000 1100 1000 0111
0C 87h
+0.0625°C
0000 0000 0000 1111
00 0Fh
0°C
0000 0000 0000 0111
00 07h
−0.0625°C
1111 1111 1111 1111
FF FFh
−25°C
1111 0011 1000 0111
F3 87h
−55°C
1110 0100 1000 0111
E4 87h
Note: The last two bits are TRI-STATE and depicted as one in the table.
The first data byte is the most significant byte with most significant bit first, permitting only as much data as
necessary to be read to determine temperature condition. For instance, if the first four bits of the temperature
data indicate an overtemperature condition, the host processor could immediately take action to remedy the
excessive temperatures.
Shutdown Mode/Manufacturer's ID
Shutdown mode is enabled by writing XX FF to the LM74 as shown in Figure 16c. The serial bus is still active
when the LM74 is in shutdown. Current draw drops to less than 10
μA between serial communications. When in
shutdown mode the LM74 always will output 1000 0000 0000 00XX. This is the manufacturer's/Device ID
information. The first 5-bits of the field (1000 0XXX) are reserved for manufacturer's ID. As mentioned in Section
1.2, writing a zero to the LM74 configuration register will take it out of shutdown mode and place it in conversion
mode. In other words, any valid code listed in Section 1.2 other than XX FF will put it in conversion mode. After
leaving shutdown, but before the first temperature conversion is complete, the temperature register will contain
the last measured temperature which resided in the temperature register before entering shutdown mode. After
the completion of the first conversion, the temperature register will be updated with the new temperature data.
Internal Register Structure
The LM74 has three registers, the temperature register, the configuration register and the manufacturer's/device
identification register. The temperature and manufacturer's/device identification registers are read only. The
configuration register is write only.
Configuration Register
(Selects shutdown or continuous conversion modes):
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com