Electronic Components Datasheet Search
  English  ▼

X  

LM74 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM74
Description  LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM74 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM74 Datasheet HTML 8Page - Texas Instruments LM74 Datasheet HTML 9Page - Texas Instruments LM74 Datasheet HTML 10Page - Texas Instruments LM74 Datasheet HTML 11Page - Texas Instruments LM74 Datasheet HTML 12Page - Texas Instruments LM74 Datasheet HTML 13Page - Texas Instruments LM74 Datasheet HTML 14Page - Texas Instruments LM74 Datasheet HTML 15Page - Texas Instruments LM74 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LM74
SNIS107K – MAY 2000 – REVISED MARCH 2013
www.ti.com
Table 1. (Write Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
X
Shutdown
D0–D15 set to XX FF hex enables shutdown mode.
D0–D15 set to 00 00 hex sets Continuous conversion mode.
Note: setting D0-D15 to any other values may place the LM74 into a manufacturer's test mode, upon which the
LM74 will stop responding as described. These test modes are to be used for Texas Instruments production
testing only. See Serial Bus Interface for a complete discussion.
Temperature Register (after power-up, before first complete temperature conversion)
Table 2. (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
X
X
D0–D1: Undefined. TRI-STATE will be output on SI/0.
D2–D15: Power-on Reset (POR) values.
Temperature Register (after completion of first temperature conversion)
Table 3. (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
1
X
X
D0–D1: Undefined. TRI-STATE will be output on SI/0.
D2: High.
D3–D15: Temperature Data. One LSB = 0.0625°C. Two's complement format.
Manufacturer's Device ID Register
Table 4. (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
X
X
D0–D1: Undefined. TRI-STATE will be output on SI/0.
D2–D15: Manufacturer's/Device ID Data. This register is accessed whenever the LM74 is in shutdown mode.
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com