Electronic Components Datasheet Search
  English  ▼

X  

LM76 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM76
Description  LM76 ±0.5°C, ±1°C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76 Datasheet(HTML) 2 Page - Texas Instruments

  LM76 Datasheet HTML 1Page - Texas Instruments LM76 Datasheet HTML 2Page - Texas Instruments LM76 Datasheet HTML 3Page - Texas Instruments LM76 Datasheet HTML 4Page - Texas Instruments LM76 Datasheet HTML 5Page - Texas Instruments LM76 Datasheet HTML 6Page - Texas Instruments LM76 Datasheet HTML 7Page - Texas Instruments LM76 Datasheet HTML 8Page - Texas Instruments LM76 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LM76
SNIS109E – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Connection Diagram
Figure 1. SOIC-8
LM76 See Package Number D
PIN DESCRIPTIONS
Label
Pin #
Function
Typical Connection
Serial Bi-Directional Data Line, Open Drain Output, CMOS
SDA
1
Pull Up Resistor, Controller I2C Data Line
Logic Level
SCL
2
Serial Bus Clock Input, CMOS Logic Level
From Controller I2C Clock Line
Pull Up Resistor, Controller Interrupt Line or
T_CRIT_A
3
Critical Temperature Alarm, Open Drain Output
System Hardware Shutdown
GND
4
Power Supply Ground
Ground
INT
5
Interrupt, Open Drain Output
Pull Up Resistor, Controller Interrupt Line
A0–A1
7, 6
User-Set Address Inputs, TTL Logic Level
Ground (Low, “0”) or +VS (High, “1”)
+VS
8
Positive Supply Voltage Input
DC Voltage from 3.3V power supply or 5V.
Figure 2. Typical Application
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com