Electronic Components Datasheet Search
  English  ▼

X  

LM76 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM76
Description  LM76 ±0.5°C, ±1°C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM76 Datasheet HTML 3Page - Texas Instruments LM76 Datasheet HTML 4Page - Texas Instruments LM76 Datasheet HTML 5Page - Texas Instruments LM76 Datasheet HTML 6Page - Texas Instruments LM76 Datasheet HTML 7Page - Texas Instruments LM76 Datasheet HTML 8Page - Texas Instruments LM76 Datasheet HTML 9Page - Texas Instruments LM76 Datasheet HTML 10Page - Texas Instruments LM76 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LM76
www.ti.com
SNIS109E – JANUARY 2000 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
The LM76 temperature sensor incorporates a band-gap type temperature sensor, 13-bit ADC, and a digital
comparator with user-programmable upper and lower limit values. The comparator activates either the INT line
for temperatures outside the TLOW and THIGH window, or the T_CRIT_A line for temperatures which exceed
T_CRIT. The lines are programmable for mode and polarity.
TEMPERATURE COMPARISON
LM76 provides a window comparison against a lower (TLOW) and upper (THIGH) trip point. A second upper trip
point (T_CRIT) functions as a critical alarm shutdown. Figure 6 depicts the comparison function as well as the
modes of operation.
Status Bits
The internal Status bits operate as follows:
“True”:
Temperature above a THIGH or T_CRIT is “true” for those respective bits. A “true” for TLOW is
temperature below TLOW.
“False”:
Assuming temperature has previously crossed above THIGH or T_CRIT, then the temperature must
drop below the points corresponding THYST(THIGH − THYST or T_CRIT − THYST) in order for the condition to be
false. For TLOW, assuming temperature has previously crossed below TLOW, a “false” occurs when temperature
goes above TLOW + THYST.
The Status bits are not affected by reads or any other actions, and always represent the state of temperature vs.
setpoints.
Hardwire Outputs
The T_CRIT_A hardwire output mirrors the T_CRIT_A flag, when the flag is true, the T_CRIT_A output is
asserted at all times regardless of mode. Reading the LM76 has no effect on the T_CRIT_A output, although the
internal conversion is restarted.
The behavior of the INT hardwire output is as follows:
Comparator Interrupt Mode (Default):
User reading part resets output until next measurement completes. If
condition is still true, output is set again at end of next conversion cycle. For example, if a user never reads the
part, and temperature goes below TLOW then INT becomes active. It would stay that way until temperature goes
above TLOW + THYST. However if the user reads the part, the output would be reset. At the end of the next
conversion cycle, if the condition is true, it is set again. If not, it remains reset.
Event Interrupt Mode:
User reading part resets output until next condition "event" occurs (in other words,
output is only set once for a true condition, if reset by a read, it remains reset until the next triggering threshold
has been crossed). Conversely, if a user never read the part, the output would stay set indefinitely after the first
event that set the output. An “event” for Event Interrupt Mode is defined as:
1. Transitioning upward across a setpoint, or
2. Transitioning downward across a setpoint's corresponding hysteresis (after having exceeded that setpoint).
For example, if a user never read the part, and temperature went below TLOW then INT would become active. It
would stay that way forever if a user never read the part.
However if the user read the part, the output would be reset. Even if the condition is true, it will remain reset. The
temperature must cross above TLOW + THYST to set the output again.
In either mode, reading any register in the LM76 restarts the conversion. This allows a designer to know exactly
when the LM76 begins a comparison. This prevents unnecessary Interrupts just after reprogramming setpoints.
Typically, system Interrupt inputs are masked prior to reprogramming trip points. By doing a read just after
resetting trip points, but prior to unmasking, unexpected Interrupts are prevented.
Avoid programming setpoints so close that their hysteresis values overlap. An example would be that with a
THYST value of 2°C then setting THIGH and TLOW to within 4°C of each other will violate this restriction. To be more
specific, with THYST set to 2°C assume THIGH set to 64°C. If TLOW is set equal to, or higher than 60°C this
restriction is violated.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com