Electronic Components Datasheet Search
  English  ▼

X  

LM76 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM76
Description  LM76 ±0.5°C, ±1°C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM76 Datasheet HTML 8Page - Texas Instruments LM76 Datasheet HTML 9Page - Texas Instruments LM76 Datasheet HTML 10Page - Texas Instruments LM76 Datasheet HTML 11Page - Texas Instruments LM76 Datasheet HTML 12Page - Texas Instruments LM76 Datasheet HTML 13Page - Texas Instruments LM76 Datasheet HTML 14Page - Texas Instruments LM76 Datasheet HTML 15Page - Texas Instruments LM76 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LM76
SNIS109E – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
CONFIGURATION REGISTER
Table 2. (Read/Write):
D7
D6
D5
D4
D3
D2
D1
D0
T_CRIT_A
0
0
0
Fault Queue
INT Polarity
INT Mode
Shutdown
Polarity
D0: Shutdown - When set to 1 the LM76 goes to low power shutdown mode. Power up default of “0”.
D1: Interrupt mode - 0 is Comparator Interrupt mode, 1 is Event Interrupt mode. Power up default of “0”.
D2, D3: T_CRIT_A and INT Polarity - 0 is active low, 1 is active high. Outputs are open-drain. Power up default
of “0”
D4: Fault Queue - When set to 1 the Fault Queue is enabled, see FAULT QUEUE. Power up default of “0”.
D5–D7: These bits are used for production testing and must be kept zero for normal operation.
THYST, TLOW, THIGH AND T_CRIT_A REGISTERS
Table 3. (Read/Write):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Sign
MSB
Bit 10
Bit 9
Bit 8
Bit7
Bit6
Bit5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
D0–D2: Undefined
D3–D15: THYST, TLOW, THIGH or T_CRIT Trip Temperature Data. Power up default is TLOW = 10°C, THIGH = 64°C,
T_CRIT = 80°C, THYST = 2°C.
THYST is subtracted from THIGH, and T_CRIT, and added to TLOW.
Avoid programming setpoints so close that their hysteresis values overlap. See CONFIGURATION REGISTER .
TEST CIRCUIT DIAGRAMS
I2C Timing Diagrams
Figure 8. Typical 2-Byte Read From Preset Pointer Location Such as Temp or Comparison Registers
Figure 9. Typical Pointer Set Followed by Immediate Read for 2-Byte Register such as Temp or
Comparison Registers
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com