Electronic Components Datasheet Search
  English  ▼

X  

LM76 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM76
Description  LM76 ±0.5°C, ±1°C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM76 Datasheet HTML 10Page - Texas Instruments LM76 Datasheet HTML 11Page - Texas Instruments LM76 Datasheet HTML 12Page - Texas Instruments LM76 Datasheet HTML 13Page - Texas Instruments LM76 Datasheet HTML 14Page - Texas Instruments LM76 Datasheet HTML 15Page - Texas Instruments LM76 Datasheet HTML 16Page - Texas Instruments LM76 Datasheet HTML 17Page - Texas Instruments LM76 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LM76
SNIS109E – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
To understand this graph, assume that at the left hand side the system is at some nominal temperature. For the
1st event temperature rises above the upper window limit, THIGH, causing INT to go active. The system responds
to the interrupt by querying the LM76's status bits and determines that THIGH was exceeded, indicating that
temperature is rising. The system then reprograms the temperature limits to a value higher by an amount equal
to the desired granularity. Note that in Event Interrupt Mode, reprogramming the limits has caused a second,
known, interrupt to be issued since temperature has been returned within the window. In Comparator Interrupt
Mode, the LM76 simply stops issuing interrupts.
The 2nd event is another identical rise in temperature. The 3rd event is typical of a drop in temperature. This is
one of the conditions that demonstrates the power of the LM76, as the user receives notification that a lower limit
is exceeded in such a way that temperature is dropping.
The Critical Alarm Event activates the separate T_CRIT_A output. Typically, this would feed circuitry separate
from the processor on the assumption that if the system reached this temperature, the processor might not be
responding.
Note: Event Interrupt mode is drawn as if the user is reading the part. If the user doesn't read, the outputs would go
low and stay that way until the LM76 is read.
Figure 14. Temperature Response Diagram for ACPI Implementation
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com