Electronic Components Datasheet Search
  English  ▼

X  

LM76 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM76
Description  LM76 ±0.5°C, ±1°C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM76 Datasheet HTML 9Page - Texas Instruments LM76 Datasheet HTML 10Page - Texas Instruments LM76 Datasheet HTML 11Page - Texas Instruments LM76 Datasheet HTML 12Page - Texas Instruments LM76 Datasheet HTML 13Page - Texas Instruments LM76 Datasheet HTML 14Page - Texas Instruments LM76 Datasheet HTML 15Page - Texas Instruments LM76 Datasheet HTML 16Page - Texas Instruments LM76 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM76
www.ti.com
SNIS109E – JANUARY 2000 – REVISED MARCH 2013
Figure 10. Typical 1-Byte Read from Configuration Register with Preset Pointer
Figure 11. Typical Pointer Set Followed by Immediate Read from Configuration Register
Figure 12. Configuration Register Write
Figure 13. Comparison Register Write
Application Hints
The temperature response graph in Figure 14 depicts a typical application designed to meet ACPI requirements.
In this type of application, the temperature scale is given an arbitrary value of "granularity", or the window within
which temperature notification events should occur. The LM76 can be programmed to the window size chosen by
the designer, and will issue interrupts to the processor whenever the window limits have been crossed. The
internal flags permit quick determination of whether the temperature is rising or falling.
The T_CRIT limit would typically use its separate output to activate hardware shutdown circuitry separate from
the processor. This is done because it is expected that if temperature has gotten this high that the processor may
not be responding. The separate circuitry can then shut down the system, usually by shutting down the power
supply.
Note that the INT and T_CRIT_A outputs are separate, but can be wire-or'd together. Alternatively the T_CRIT_A
can be diode or'd to the INT line in such a way that a T_CRIT_A event activates the INT line, but an INT event
does not activate the T_CRIT_A line. This may be useful in the event that it is desirable to notify both the
processor and separate T_CRIT_A shutdown circuitry of a critical temperature alarm at the same time (maybe
the processor is still working and can coordinate a graceful shutdown with the separate shutdown circuit).
To implement ACPI compatible sensing it is necessary to sense whenever the temperature goes outside the
window, issue an interrupt, service the interrupt, and reprogram the window according to the desired granularity
of the temperature scale. The reprogrammed window will now have the current temperature inside it, ready to
issue an interrupt whenever the temperature deviates from the current window.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com