Electronic Components Datasheet Search
  English  ▼

X  

LM76 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM76
Description  LM76 ±0.5°C, ±1°C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76 Datasheet(HTML) 5 Page - Texas Instruments

  LM76 Datasheet HTML 1Page - Texas Instruments LM76 Datasheet HTML 2Page - Texas Instruments LM76 Datasheet HTML 3Page - Texas Instruments LM76 Datasheet HTML 4Page - Texas Instruments LM76 Datasheet HTML 5Page - Texas Instruments LM76 Datasheet HTML 6Page - Texas Instruments LM76 Datasheet HTML 7Page - Texas Instruments LM76 Datasheet HTML 8Page - Texas Instruments LM76 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM76
www.ti.com
SNIS109E – JANUARY 2000 – REVISED MARCH 2013
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS Unless otherwise noted, these specifications apply for +VS = +5.0 Vdc ±10% for the
LM76CHM-5. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Typical(1)
Limits(2)
Units
Symbol
Parameter
Conditions
(Limit)
+VS × 0.7
V (min)
SDA and SCL Logical “1” Input
VIN(1)
Voltage
+VS+0.3
V (max)
−0.3
V (min)
SDA and SCL Logical “0” Input
VIN(0)
Voltage
+VS × 0.3
V (max)
VIN(HYST)
SDA and SCL Digital Input Hysteresis
500
250
mV (min)
2.0
V (min)
VIN(1)
A0 and A1 Logical “1” Input Voltage
+VS+0.3
V (max)
−0.3
V (min)
VIN(0)
A0 and A1 Logical “0” Input Voltage
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN = + VS
0.005
1.0
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−1.0
μA (max)
CIN
Capacitance of All Digital Inputs
20
pF
IOH
High Level Output Current
VOH = + VS
10
μA (max)
VOL
Low Level Output Voltage
IOL = 3 mA
0.4
V (max)
T_CRIT_A Output Saturation Voltage
IOUT = 4.0 mA
(3)
0.8
V (max)
Conversions
T_CRIT_A Delay
1
(max)
CL = 400 pF
tOF
Output Fall Time
250
ns (max)
IO = 3 mA
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an
error of 0.64°C at full rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
SERIAL BUS DIGITAL SWITCHING CHARACTERISTICS Unless otherwise noted, these specifications apply for +VS = +5.0
Vdc ±10% for the LM76CHM-5, CL (load capacitance) on output lines = 80 pF unless otherwise specified. Boldface limits
apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Typical(1)
Limits(2)(3)
Units
Symbol
Parameter
Conditions
(Limit)
t1
SCL (Clock) Period
2.5
μs(min)
t2
Data in Set-Up Time to SCL High
100
ns(min)
t3
Data Out Stable after SCL Low
0
ns(min)
t4
SDA Low Set-Up Time to SCL Low (Start Condition)
100
ns(min)
t5
SDA High Hold Time after SCL High (Stop Condition)
100
ns(min)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
Timing specifications are tested at the bus input logic levels (Vin(0)=0.3xVA for a falling edge and Vin(1)=0.7xVA for a rising edge) when
the SCL and SDA edge rates are similar.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com