Electronic Components Datasheet Search
  English  ▼

X  

LM57 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM57
Description  LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM57 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM57 Datasheet HTML 12Page - Texas Instruments LM57 Datasheet HTML 13Page - Texas Instruments LM57 Datasheet HTML 14Page - Texas Instruments LM57 Datasheet HTML 15Page - Texas Instruments LM57 Datasheet HTML 16Page - Texas Instruments LM57 Datasheet HTML 17Page - Texas Instruments LM57 Datasheet HTML 18Page - Texas Instruments LM57 Datasheet HTML 19Page - Texas Instruments LM57 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
LM57-Q1
SNIS191A – JULY 2015 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
Table 1. LM57-Q1 VTEMP Temperature to Voltage
(1) (continued)
VTEMP VOLTAGE (mV)
Temperature (°C)
J2 (-5.166 mV/°C)
J3 (–7.752 mV/°C)
J4 (–10.339 mV/°C)
J5 (–12.924 mV/°C)
57
807.17
1210.18
1613.34
2016.44
58
801.93
1202.32
1602.86
2003.35
59
796.69
1194.46
1592.38
1990.24
60
791.45
1186.60
1581.89
1977.13
61
786.20
1178.73
1571.40
1964.02
62
780.96
1170.86
1560.90
1950.89
63
775.71
1162.98
1550.40
1937.76
64
770.46
1155.10
1539.89
1924.63
65
765.20
1147.22
1529.37
1911.49
66
759.94
1139.33
1518.86
1898.34
67
754.68
1131.44
1508.33
1885.19
68
749.42
1123.54
1497.80
1872.02
69
744.16
1115.64
1487.27
1858.86
70
738.89
1107.74
1476.73
1845.68
71
733.62
1099.83
1466.19
1832.50
72
728.35
1091.92
1455.64
1819.32
73
723.07
1084.01
1445.08
1806.13
74
717.79
1076.09
1434.53
1792.93
75
712.51
1068.17
1423.96
1779.72
76
707.23
1060.24
1413.39
1766.51
77
701.94
1052.31
1402.82
1753.30
78
696.65
1044.38
1392.24
1740.07
79
691.36
1036.44
1381.65
1726.84
80
686.07
1028.50
1371.07
1713.61
81
680.77
1020.55
1360.47
1700.36
82
675.48
1012.60
1349.87
1687.11
83
670.17
1004.65
1339.27
1673.86
84
664.87
996.69
1328.66
1660.60
85
659.56
988.73
1318.04
1647.33
86
654.25
980.77
1307.42
1634.05
87
648.94
972.80
1296.80
1620.77
88
643.63
964.83
1286.17
1607.49
89
638.31
956.85
1275.53
1594.19
90
632.99
948.87
1264.89
1580.89
91
627.67
940.89
1254.25
1567.59
92
622.35
932.90
1243.60
1554.28
93
617.02
924.91
1232.94
1540.96
94
611.69
916.92
1222.28
1527.63
95
606.36
908.92
1211.61
1514.30
96
601.02
900.91
1200.94
1500.97
97
595.69
892.91
1190.27
1487.62
98
590.34
884.90
1179.59
1474.27
99
585.00
876.88
1168.90
1460.92
100
579.66
868.87
1158.21
1447.55
101
574.31
860.84
1147.52
1434.18
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM57-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com