Electronic Components Datasheet Search
  English  ▼

X  

LM57 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM57
Description  LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM57 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM57 Datasheet HTML 2Page - Texas Instruments LM57 Datasheet HTML 3Page - Texas Instruments LM57 Datasheet HTML 4Page - Texas Instruments LM57 Datasheet HTML 5Page - Texas Instruments LM57 Datasheet HTML 6Page - Texas Instruments LM57 Datasheet HTML 7Page - Texas Instruments LM57 Datasheet HTML 8Page - Texas Instruments LM57 Datasheet HTML 9Page - Texas Instruments LM57 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
LM57-Q1
SNIS191A – JULY 2015 – REVISED JULY 2015
www.ti.com
6.4 Thermal Information
LM57-Q1
THERMAL METRIC (1)
PW (TSSOP)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
183
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
66
°C/W
RθJB
Junction-to-board thermal resistance
111
°C/W
ψJT
Junction-to-top characterization parameter
8
°C/W
ψJB
Junction-to-board characterization parameter
110
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
Unless otherwise noted, these specifications apply for VDD = 2.4 to 5.5 V and over free air temperature range. These limits do
not include DC load regulation. These stated accuracy limits are with reference to the values in Table 1.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRIP POINT ACCURACY FOR ALL LM57-Q1 EXCEPT LM57FSPWQ1 AND LM57TSPWQ1
J2
TA = −41°C to
VDD = 2.4 V to 5.5
±2.3
°C
52°C
V
J3
TA = 52°C to
VDD = 2.4 V to 5.5
±2.3
°C
97°C
V
Trip Point Accuracy
(Includes 1% set-resistor
TA = 97°C to
VDD = 2.4 V to 5.5
J4
±2.3
°C
tolerance)
119°C
V
TA = 119°C to
VDD = 2.4 V to 5.5
J5
free air
±2.3
°C
V
temperature max
TRIP POINT ACCURACY FOR LM57-Q1 AUTOMOTIVE GRADE 0 EXTENDED (LM57FSPWQ1 and LM57TSPWQ1)
TA = −41°C to
J2
52°C
TA = 52°C to
J3
97°C
VDD = 2.4 V to 5.5
±2.3
Trip point accuracy
V
TA = 97°C to
(Includes 1% set-resistor
J4
°C
119°C
tolerance)
TA = 119°C to
J5
160°C
TA = 150°C to
VDD = 2.4 V to 5.5
J5
±2.5
160°C
V
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM57-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com