Electronic Components Datasheet Search
  English  ▼

X  

LM57 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM57
Description  LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM57 Datasheet(HTML) 3 Page - Texas Instruments

  LM57 Datasheet HTML 1Page - Texas Instruments LM57 Datasheet HTML 2Page - Texas Instruments LM57 Datasheet HTML 3Page - Texas Instruments LM57 Datasheet HTML 4Page - Texas Instruments LM57 Datasheet HTML 5Page - Texas Instruments LM57 Datasheet HTML 6Page - Texas Instruments LM57 Datasheet HTML 7Page - Texas Instruments LM57 Datasheet HTML 8Page - Texas Instruments LM57 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
LM57-Q1
www.ti.com
SNIS191A – JULY 2015 – REVISED JULY 2015
4 Device Comparison Table
VTEMP
TRIP POINT
ORDER NUMBER
PACKAGE
GRADE (TEMP RANGE)
HYSTERESIS
ACCURACY
ACCURACY
WSON/SD/NGR
Commercial (-50°C to
LM57BISD-5, LM57BISDX-5 (1)
±0.8°C
±1.5°C
5°C
/DFN (8)
150°C)
WSON/SD/NGR
Commercial (-50°C to
LM57BISD-10, LM57BISDX-10 (1)
±0.8°C
±1.5°C
10°C
/DFN (8)
150°C)
WSON/SD/NGR
Commercial (-50°C to
LM57CISD-5, LM57CISD-5 (1)
±1.3°C
±2.3°C
5°C
/DFN (8)
150°C)
WSON/SD/NGR
Commercial (-50°C to
LM57CISD-10, LM57CISDX-10 (1)
±1.3°C
±2.3°C
10°C
/DFN (8)
150°C)
Commercial (-50°C to
LM57FPW, LM57FPWR (1)
PW/TSSOP (8)
±1.3°C
±2.3°C
5°C
150°C)
Commercial (-50°C to
LM57TPW, LM57TPWR (1)
PW/TSSOP (8)
±1.3°C
±2.3°C
10°C
150°C)
Automotive Grade 0
LM57FSPWQ1, LM57FSPWRQ1
PW/TSSOP (8)
Extended (-50°C to
±1.3°C
±2.3°C
5°C
160°C)
Automotive Grade 0
LM57TSPWQ1, LM57TSPWRQ1
PW/TSSOP (8)
Extended (-50°C to
±1.3°C
±2.3°C
10°C
160°C)
Automotive Grade 0
LM57FEPWQ1, LM57FEPWRQ1
PW/TSSOP (8)
±1.3°C
±2.3°C
5°C
Standard (-50°C to 150°C)
Automotive Grade 0
LM57TEPWQ1, LM57TEPWRQ1
PW/TSSOP (8)
±1.3°C
±2.3°C
10°C
Standard (-50°C to 150°C)
Automotive Grade 1
LM57FQPWQ1, LM57FQPWRQ1
PW/TSSOP (8)
±1.3°C
±2.3°C
5°C
Standard (-50°C to 125°C)
Automotive Grade 1
LM57TQPWQ1, LM57TQPWRQ1
PW/TSSOP (8)
±1.3°C
±2.3°C
10°C
Standard (-50°C to 125°C)
(1)
For Commercial grade device complete datasheet see LM57.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM57-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com