Electronic Components Datasheet Search
  English  ▼

X  

LM57 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM57
Description  LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM57 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM57 Datasheet HTML 3Page - Texas Instruments LM57 Datasheet HTML 4Page - Texas Instruments LM57 Datasheet HTML 5Page - Texas Instruments LM57 Datasheet HTML 6Page - Texas Instruments LM57 Datasheet HTML 7Page - Texas Instruments LM57 Datasheet HTML 8Page - Texas Instruments LM57 Datasheet HTML 9Page - Texas Instruments LM57 Datasheet HTML 10Page - Texas Instruments LM57 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
LM57-Q1
www.ti.com
SNIS191A – JULY 2015 – REVISED JULY 2015
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD = 2.4 to 5.5 V and over free air temperature range. These limits do
not include DC load regulation. These stated accuracy limits are with reference to the values in Table 1.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTEMP ANALOG TEMPERATURE SENSOR OUTPUT ACCURACY FOR ALL LM57-Q1 EXCEPT LM57FSPWQ1 and LM57TSPWQ1
TA = −50°C to
VDD = 2.4 V to 5.5
J2
free air
±1.3
°C
V
temperature max
TA = −50°C to
VDD = 2.4 V to 5.5
J3
free air
±1.3
°C
V
temperature max
TA = 20°C to
VDD = 2.4 V to 5.5
±1.3
50°C
V
TA = 0°C to free
VDD = 2.7 V to 5.5
VTEMP Accuracy
J4
air temperature
±1.3
°C
V
(These stated accuracy
max
limits are with reference to
TA = −50°C to
VDD = 3.1 V to 5.5
the values in Table 1,
±1.3
0°C
V
LM57-Q1 VTEMP
TA = 60°C to
Temperature-to-Voltage.)
VDD = 2.4 V to 5.5
free air
±1.3
V
temperature max
TA = 20°C to
VDD = 2.9 V to 5.5
±1.3
50°C
V
J5
°C
TA = 0°C to free
VDD = 3.2 V to 5.5
air temperature
±1.3
V
max
TA = −50°C to
VDD = 4 V to 5.5
±1.3
0°C
V
VTEMP ANALOG TEMPERATURE SENSOR OUTPUT ACCURACY FOR LM57-Q1 AUTOMOTIVE GRADE 0 EXTENDED (LM57FSPWQ1
and LM57TSPWQ1)
TA = 150°C to
±1.5
160°C
VDD = 2.4 V to 5.5
J2
°C
V
TA = –50°C to
±1.3
150°C
TA = 150°C to
±1.5
160°C
VDD = 2.4 V to 5.5
J3
°C
V
TA = –50°C to
±1.3
150°C
TA = 20°C to
VDD = 2.4 V to 5.5
±1.3
50°C
V
TA = 0°C to
±1.3
VTEMP accuracy
150°C
VDD = 2.7 V to 5.5
(These stated accuracy
J4
°C
V
limits are with reference to
TA = 150°C to
±1.5
the values in Table 1,
160°C
LM57-Q1 VTEMP
TA = –50°C to
VDD = 3.1 V to 5.5
±1.3
temperature-to-voltage.)
0°C
V
TA = 150°C to
±1.5
160°C
VDD = 2.4 V to 5.5
V
TA = 60°C to
±1.3
150°C
TA = 20°C to
VDD = 2.9 V to 5.5
±1.3
J5
°C
50°C
V
TA = 0°C to
VDD = 3.2 V to 5.5
±1.3
150°C
V
TA = –50°C to
VDD = 4 V to 5.5
±1.3
0°C
V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM57-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com