Electronic Components Datasheet Search
  English  ▼

X  

LM57 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM57
Description  LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM57 Datasheet(HTML) 5 Page - Texas Instruments

  LM57 Datasheet HTML 1Page - Texas Instruments LM57 Datasheet HTML 2Page - Texas Instruments LM57 Datasheet HTML 3Page - Texas Instruments LM57 Datasheet HTML 4Page - Texas Instruments LM57 Datasheet HTML 5Page - Texas Instruments LM57 Datasheet HTML 6Page - Texas Instruments LM57 Datasheet HTML 7Page - Texas Instruments LM57 Datasheet HTML 8Page - Texas Instruments LM57 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
VDD
GND
VSENSE
LM57-Q1
www.ti.com
SNIS191A – JULY 2015 – REVISED JULY 2015
Pin Functions (continued)
PIN
TYPE
EQUIVALENT CIRCUIT
DESCRIPTION
NAME
NO.
VTEMP analog voltage output
Analog
If TRIP TEST = 0, then VTEMP = VTS, temperature sensor output voltage
VTEMP
8
Output
If TRIP TEST = 1, then VTEMP = VTRIP, temperature trip voltage
This pin may be left open if not used.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage
−0.3
6
V
Voltage at TOVER
−0.3
6
V
Voltage at TOVER , VTEMP, TRIP-TEST, SENSE1, and SENSE2
−0.3
(VDD + 0.3 V)
V
Current at any pin
5
mA
Storage temperature for LM57FSPWQ1 and LM57TSPWQ1
−65
175
°C
Storage temperature for all LM57-Q1 except LM57FSPWQ1 and LM57TSPWQ1
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002 (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
FOR ALL PARTS GRADE 0 AND GRADE 1 EXCEPT GRADE 0 EXTENDED (LM57FSPWQ1 and LM57TSPWQ1)
Supply voltage
2.4
5.5
V
Free air temperature range (TMIN ≤ TA ≤ TMAX) LM57FEPWQ1, and LM57TEPWQ1
−50
150
°C
LM57FQPWQ1, LM57TQPWQ1
-50
125
°C
GRADE 0 EXTENDED (LM57FSPWQ1 AND LM57TSPWQ1)
Supply voltage
2.4
5.5
V
Free air temperature range (TMIN ≤ TA ≤ TMAX) Temperature Profile for LM57-Q1 Automotive Grade 0
Extended High Temperature Operational Life Test
(HTOL) - Hours of Operation: (1)
−50
170
°C
1700 hours at TJ = TC = 160°C
10 hours at TJ = TC = 170°C
(1)
Except for HTOL testing, which was conducted as described, all other testing was to AEC-Q100 Grade 0 flow. Full details on reliability
testing are available upon request.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM57-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com