Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM3555
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 18Page - Texas Instruments LM3555 Datasheet HTML 19Page - Texas Instruments LM3555 Datasheet HTML 20Page - Texas Instruments LM3555 Datasheet HTML 21Page - Texas Instruments LM3555 Datasheet HTML 22Page - Texas Instruments LM3555 Datasheet HTML 23Page - Texas Instruments LM3555 Datasheet HTML 24Page - Texas Instruments LM3555 Datasheet HTML 25Page - Texas Instruments LM3555 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
SCL
S
P
P
STO
condition
START condition
SDA
SCL
SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
22
LM3555
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7.5 Programming
7.5.1 I2C-Compatible Interface
7.5.1.1 Data Validity
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, the state
of the data line can only be changed when CLK is LOW.
Figure 41. Data Validity Diagram
A pullup resistor between VIO and SDA must be greater than (VIO – VOL) / 3 mA to meet the VOL requirement on
SDA. Using a larger pullup resistor results in lower switching current with slower edges, while using a smaller
pullup results in higher switching currents with faster edges.
7.5.1.2 Start and Stop Conditions
START and STOP conditions classify the beginning and the end of the I2C session. A START condition is
defined as SDA signal transitioning from HIGH to LOW while SCL line is HIGH. A STOP condition is defined as
the SDA transitioning from LOW to HIGH while SCL is HIGH. The I2C master always generates START and
STOP conditions. The I2C bus is considered to be busy after a START condition and free after a STOP condition.
During data transmission, the I2C master can generate repeated START conditions. First START and repeated
START conditions are equivalent, function-wise. The data on SDA line must be stable during the HIGH period of
the clock signal (SCL). In other words, the state of the data line can only be changed when CLK is LOW.
Figure 42. Start and Stop Conditions
7.5.1.3 Transferring Data
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated
by the master. The master releases the SDA line (HIGH) during the acknowledge clock pulse. The LM3555 pulls
down the SDA line during the 9th clock pulse, signifying an acknowledge. The LM3555 generates an
acknowledge after each byte has been received.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LM3555 address is 30h. For the eighth bit, a 0 indicates a
WRITE and a 1 indicates a READ. The second byte selects the register to which the data is written. The third
byte contains data to write to the selected register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com