Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3555
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555 Datasheet(HTML) 1 Page - Texas Instruments

  LM3555 Datasheet HTML 1Page - Texas Instruments LM3555 Datasheet HTML 2Page - Texas Instruments LM3555 Datasheet HTML 3Page - Texas Instruments LM3555 Datasheet HTML 4Page - Texas Instruments LM3555 Datasheet HTML 5Page - Texas Instruments LM3555 Datasheet HTML 6Page - Texas Instruments LM3555 Datasheet HTML 7Page - Texas Instruments LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
LM3555
2.2 µH
COUT
10 µF
CIN
10 µF
IND
PGND
VIN
VLED
SW
TORCH
STROBE
I2C/EN
SCL/EN1
SDA/EN2
VBAT
SGND
VOUT
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3555
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
LM3555 Synchronous Boost Converter With 500-mA High-Side
LED Driver and Dual-Mode Control Interface
1
1 Features
1
•
High-Voltage High-Side Current Source Allows for
Grounded Cathode LED Operation
•
Synchronous Boost Converter
•
Peak Converter Efficiency > 90%
•
Accurate and Programmable LED Current
Ranging From 60 mA to 500 mA
•
Adaptive LED Current Range Based on LED
Configuration
•
Dedicated Indicator Current Source
•
Dedicated Torch and Strobe Pins
•
Dual Mode Control (General Purpose or I2C)
•
Broken Inductor Detection
•
Output Overvoltage Protection
•
Output and LED Short-Circuit Protection
•
400-kHz I2C-Compatible Interface
2 Applications
Camera Phone LED Flash
3 Description
The LM3555 is a 2-MHz fixed-frequency, current-
mode synchronous boost converter designed to drive
either a single flash LED at 500 mA or two series
flash LEDs at 400 mA. A high-voltage current source
allows the LEDs to be terminated to the GND plane
eliminating the need for an additional return trace
back to the device.
A dual-mode control interface allows the user to
configure
the
LM3555
with
a
general-purpose
interface using two enable pins for control or an I2C
allowing a higher level of control. Both interfaces
allow access to the indicator, assist light, and flash
modes. A dedicated STROBE pin provides a direct
interface to trigger the flash event, while an external
TORCH pin provides an additional method for
enabling the LEDs in a constant current mode.
The LM3555 can adaptively scale the maximum flash
level delivered to the LEDs based upon the flash
configuration, whether it be a single LED or two LEDs
in series.
Eight protection features are available on the LM3555
ranging
from
overvoltage
protection
to
broken
inductor detection. The LM3555 has four selectable
inductor current limits to help the user select an
inductor that is appropriate for the design.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3555
DSBGA (12)
2.09 mm × 1.565 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - LM3555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3555 NSC-LM3555 Datasheet
120Kb / 2P
Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
logo
Texas Instruments
LM3555 TI-LM3555 Datasheet
1Mb / 33P
LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
Synchronous Boost Converter
LM3555TLE TI-LM3555TLE Datasheet
1Mb / 33P
LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
LM3555TLE/NOPB TI1-LM3555TLE/NOPB Datasheet
1Mb / 38P
Synchronous Boost Converter
More results

Similar Description - LM3555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
logo
National Semiconductor ...
LM3555 NSC-LM3555 Datasheet
120Kb / 2P
Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
logo
Texas Instruments
LM3561 TI1-LM3561 Datasheet
2Mb / 36P
LM3561 Synchronous Boost Converter with 600mA High Side LED Driver and I 2 C-Compatible Interface
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
LM3555TLE TI-LM3555TLE Datasheet
1Mb / 33P
LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
LM3554 TI1-LM3554_14 Datasheet
4Mb / 43P
Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
Piezo and LED Driver with Synchronous Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com