Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 30 Page - Texas Instruments

Part # LM3555
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 26Page - Texas Instruments LM3555 Datasheet HTML 27Page - Texas Instruments LM3555 Datasheet HTML 28Page - Texas Instruments LM3555 Datasheet HTML 29Page - Texas Instruments LM3555 Datasheet HTML 30Page - Texas Instruments LM3555 Datasheet HTML 31Page - Texas Instruments LM3555 Datasheet HTML 32Page - Texas Instruments LM3555 Datasheet HTML 33Page - Texas Instruments LM3555 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
VIN (V)
100
90
80
70
60
50
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 3.0V
TA = +85°C
TA = -30°C
30
LM3555
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
One LED at 80 mA
Figure 57. LED Efficiency vs Input Voltage
9 Power Supply Recommendations
The LM3555 is designed to operate from an input supply range of 2.5 V to 5.5 V. This input supply must be well
regulated and provide the peak current required by the LED configuration and inductor selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com