Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM3555
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 24Page - Texas Instruments LM3555 Datasheet HTML 25Page - Texas Instruments LM3555 Datasheet HTML 26Page - Texas Instruments LM3555 Datasheet HTML 27Page - Texas Instruments LM3555 Datasheet HTML 28Page - Texas Instruments LM3555 Datasheet HTML 29Page - Texas Instruments LM3555 Datasheet HTML 30Page - Texas Instruments LM3555 Datasheet HTML 31Page - Texas Instruments LM3555 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
PEAK
I
LOAD
I
=
K
x
L
I
+ '
where
L =
I
'
IN x
V
(
)
IN
OUT - V
V
OUT
SW
V
x
L
x
f
x
2
IN
OUT
V
V
28
LM3555
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1 Inductor Current Limit
To prevent damage to the inductor of the LM3555 and to limit the power drawn by the LM3555 during a flash
event, an inductor current limit circuit is present. The LM3555 monitors the current through the inductor during
the charge phase of the boost cycle. In the event that the inductor current reaches the current limit, the NFET of
the converter terminates the charge phase for that cycle. The process repeats itself until the flash event has
ended or until the input voltage increases to the point where the peak current is no longer reached. Hitting the
peak inductor current limit does not disable the part. It does, however, limit the output power delivery to the
LEDs.
In simple control mode, the peak inductor current limit is set to 1.75 A. In I2C control mode, the inductor current
limit can be set to 1.25 A, 1.5 A, 1.75 A, and 2 A depending on the values of the IL1 and IL0 bits in the Control
Register (address 0x04). The peak inductor current limit value can be used to help size the inductor to the
appropriate saturation current level. For more information on inductor sizing, please refer to the Inductor
Selection.
8.2.2.2 Inductor Selection
The LM3555 is designed to use a 2.2-µH inductor. When the device is boosting (VOUT > VIN) the inductor is one
of the biggest sources of efficiency loss in the circuit. Therefore, choosing an inductor with the lowest possible
series resistance is important. Additionally, the saturation rating of the inductor must be greater than the
maximum operating peak current of the LM3555. This prevents excess efficiency loss that can occur with
inductors that operate in saturation and prevents over heating of the inductor and possible damage. For proper
inductor operation and circuit performance ensure that the inductor saturation and the peak current limit setting of
the LM3555 (1.25 A, 1.5 A, 1.75 A, or 2 A) is greater than IPEAK. IPEAK can be calculated by:
(1)
Table 11. Recommended Inductors
MANUFACTURER
PART NUMBER
L / ISAT
Toko
FDSE312-2R2M
2.2 µH / 2.3 A
Coilcraft
LPS4012-222ML
2.2 µH / 2.3 A
TDK
VLF4014ST-2R2M1R9
2.2 µH / 2 A
8.2.2.3 Capacitor Selection
The LM3555 requires 2 external capacitors for proper operation (TI recommends CIN = 10 µF (4.7 µF minimum)
and COUT = 10 µF ). TI also recommends placing an additional 0.1-µF input capacitor placed right next to the VIN
pin. Surface-mount multi-layer ceramic capacitors are recommended. These capacitors are small, inexpensive
and have very low equivalent series resistance (ESR < 20 m
Ω typical). Tantalum capacitors, OS-CON
capacitors, and aluminum electrolytic capacitors are not recommended for use with the LM3555 due to their high
ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LM3555. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over
−55°C to +125°C; X5R: ±15% over −55°C to 85°C).
Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with the LM3555.
Capacitors with these temperature characteristics typically have wide capacitance tolerance (80%,
−20%) and
vary significantly over temperature (Y5V: 22%, –82% over
−30°C to +85°C range; Z5U: 22%, –56% over 10°C to
85°C range). Under some conditions, a nominal 1-µF Y5V or Z5U capacitor could have a capacitance of only 0.1
µF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LM3555.
The recommended voltage rating for the input capacitor is 10 V (minimum = 6.3 V). The recommended output
capacitor voltage rating is 16 V (minimum = 10 V). The recommended value takes into account the DC bias
capacitance losses, while the minimum rating takes into account the OVP trip levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com