Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3555
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555 Datasheet(HTML) 5 Page - Texas Instruments

  LM3555 Datasheet HTML 1Page - Texas Instruments LM3555 Datasheet HTML 2Page - Texas Instruments LM3555 Datasheet HTML 3Page - Texas Instruments LM3555 Datasheet HTML 4Page - Texas Instruments LM3555 Datasheet HTML 5Page - Texas Instruments LM3555 Datasheet HTML 6Page - Texas Instruments LM3555 Datasheet HTML 7Page - Texas Instruments LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
LM3555
www.ti.com
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LM3555
UNIT
YZR (DSBGA)
12 PINS
RθJA
Junction-to-ambient thermal resistance
92.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.6
°C/W
RθJB
Junction-to-board thermal resistance
16.1
°C/W
ψJT
Junction-to-top characterization parameter
2.8
°C/W
ψJB
Junction-to-board characterization parameter
16.1
°C/W
(1)
Minimum (MIN) and maximum (MAX) limits are specified by design, test, or statistical analysis. Typical (TYP) numbers are not specified,
but do represent the most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6 V and TA = 25°C.
(2)
Switching disabled.
6.5 Electrical Characteristics
Unless otherwise specified: typical limits are for TA = 25°C; minimum and maximum limits apply over the full operating
ambient temperature range (
−30°C ≤ TA ≤ +85°C); VIN = 3.6 V.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT AND VOLTAGE SPECIFICATIONS
ILED-OUT
Flash LED accuracy
2.7 V
≤ VIN ≤ 5.5 V
VOUT = 6.5 V,
VLED = 6.2 V
50.7
(–15.5%)
60
67.2
(12%)
mA (%)
69.8
(–12.8%)
80
86.4
(8%)
304
(–5%)
320
336
(5%)
475
(–5%)
500
535
(7%)
IIND-OUT
Indicator LED current
accuracy
2.7 V
≤ VIN ≤ 5.5 V, VIND = 2 V (indicator mode)
–20.4%
2.5 mA
33.6%
–20.4%
5 mA
33.8%
–20.3%
7.5 mA
33.7%
–20.2%
10 mA
33.4%
VCSH
Current source
headroom voltage
2.7 V
≤ VIN ≤ 5.5 V
300
350
mV
VOVP
Overvoltage Protection
Range
2.7 V
≤ VIN ≤ 5.5 V
Trip point (rising)
9.22
9.5
9.96
V
Hysteresis
0.4
VOUT
Output voltage range
(VLED × NLED) + VCSH
Upper range
8.5
V
Lower range
2.8
ISD
Shutdown current
2.7 V
≤ VIN ≤ 5.5 V
0.75
µA
ISB
Standby current
2.7 V
≤ VIN ≤ 5.5 V
1.1
4.3
µA
IQ
Operating quiescent
current
2.7 V
≤ VIN ≤ 5.5 V, device switching
3.5
mA
VREF
Reference Voltage for
LED Detection
VIN = 3.6 V (No Offset)
4.35
V
VIND
Indicator Fault Voltages
IND OVP
2.571
V
IND Short
0.842
UVLO
Undervoltage lockout
Falling VIN
2.35
2.4
2.43
V
UVLOHYST
UVLO hysteresis
Rising VIN
60
70
85
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com