Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3555
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 5Page - Texas Instruments LM3555 Datasheet HTML 6Page - Texas Instruments LM3555 Datasheet HTML 7Page - Texas Instruments LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments LM3555 Datasheet HTML 10Page - Texas Instruments LM3555 Datasheet HTML 11Page - Texas Instruments LM3555 Datasheet HTML 12Page - Texas Instruments LM3555 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
VIN (V)
1.30
1.12
0.94
0.76
0.58
0.40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
TA = +85°C
TA = -30°C
VLED = 3.6V
ILED = 500 mA
BRCTORCH (#)
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
0
1
2
3
4
5
6
7
TA = -30°C, +25°C, +85°C
VIN (V) = 3.6 V, VLED (V) = 3.0 V
VIN (V)
0.60
0.58
0.56
0.54
0.52
0.50
0.48
0.46
0.44
0.42
0.40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = -30°C
TA = +25°C
TA = +85°C
VLED = 3.6V
BRC (#)
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
TA = +85°C
TA = -30°C and +25°C
VIN (V)
0.080
0.075
0.070
0.065
0.060
0.055
0.050
0.045
0.040
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 6.0 V (2 LEDs)
TA = +85°C
TA = -30°C
VIN (V)
0.100
0.095
0.090
0.085
0.080
0.075
0.070
0.065
0.060
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 6.1 V (2 LEDs)
TA = +85°C
TA = -30°C
9
LM3555
www.ti.com
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6 V; CIN1= 10 µF, CIN2= 0.1 µF, COUT = 11 µF; L = 2.2 µH.
Two LEDs at 60 mA
Figure 7. Torch Current vs Input Voltage
Two LEDs at 80 mA
Figure 8. Torch Current vs Input Voltage
Figure 9. Single LED Flash Current vs Brightness Code
One LED at 500 mA
Figure 10. LED Current vs Input Voltage
One LED at 500 mA
Figure 11. Input Current vs Input Voltage
One LED
Figure 12. Torch Current vs Brightness Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com