Electronic Components Datasheet Search
  English  ▼

X  

LM3670 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3670
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3670 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3670 Datasheet HTML 13Page - Texas Instruments LM3670 Datasheet HTML 14Page - Texas Instruments LM3670 Datasheet HTML 15Page - Texas Instruments LM3670 Datasheet HTML 16Page - Texas Instruments LM3670 Datasheet HTML 17Page - Texas Instruments LM3670 Datasheet HTML 18Page - Texas Instruments LM3670 Datasheet HTML 19Page - Texas Instruments LM3670 Datasheet HTML 20Page - Texas Instruments LM3670 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
C1 =
1
2 S R1 10 kHz
* * *
VOUT =
R1
R2
VFB *
+ 1
(
)
1
2
5
4
3
VIN
SW
FB
EN
GND
L1
4.7 or 10 µH
VOUT
CIN
4.7 µF
LM3670
VIN
2.5 V to 5.5 V
R1
R2
COUT
10 µF
17
LM3670
www.ti.com
SNVS250F – NOVEMBER 2004 – REVISED FEBRUARY 2016
Product Folder Links: LM3670
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8.2.2 Typical Application: Adjustable Output
Figure 20. LM3670 Typical Application: Adjustable Output
8.2.2.1 Design Requirements
For adjustable LM3670 option, use the design parameters in Table 5
Table 5. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.5 V to 5.5
Input capacitor
4.7 µF
Output capacitor
10 µF
Inductor
4.7 µH or 10 µH
ADJ programmable output voltage
0.7 V to 2.5 V
8.2.2.2 Detailed Design Procedure
8.2.2.2.1
Output Voltage Selection for Adjustable LM3670
The output voltage of the adjustable parts can be programmed through the resistor network connected from VOUT
to VFB then to GND. VOUT is adjusted to make VFB equal to 0.5 V. The resistor from VFB to GND (R2) must be at
least 100 K
Ω to keep the current sunk through this network well below the 15-µA quiescent current level (PFM
mode with no switching) but large enough that it is not susceptible to noise. If R2 is 200 KΩ, and VFB is 0.5 V,
then the current through the resistor feedback network is 2.5 µA (IFB = 0.5 V / R2). The output voltage formula is:
where
•
VOUT = output voltage (V)
•
VFB = feedback voltage (0.5 V typical)
•
R1 Resistor from VOUT to VFB (Ω)
•
R2 Resistor from VOUT to GND (Ω)
(10)
For output voltage greater than or equal to 0.7 V a frequency zero must be added at 10 kHz for stability.
(11)
For any output voltages equal to 0.7 V or 2.5 V, a pole must also be placed at 10 kHz (see Table 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com