Electronic Components Datasheet Search
  English  ▼

X  

LM3670 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3670
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3670 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3670 Datasheet HTML 2Page - Texas Instruments LM3670 Datasheet HTML 3Page - Texas Instruments LM3670 Datasheet HTML 4Page - Texas Instruments LM3670 Datasheet HTML 5Page - Texas Instruments LM3670 Datasheet HTML 6Page - Texas Instruments LM3670 Datasheet HTML 7Page - Texas Instruments LM3670 Datasheet HTML 8Page - Texas Instruments LM3670 Datasheet HTML 9Page - Texas Instruments LM3670 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
LM3670
SNVS250F – NOVEMBER 2004 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3670
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified, limits for typical values are TJ = 25°C, and minimum and maximum limits apply over the full
operating junction temperature range (
−40°C ≤ TJ ≤ +125°C); VIN = 3.6 V, VOUT = 1.8 V, IOUT = 150 mA, EN = VIN.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
η
Efficiency
VIN = 3.6 V, VOUT = 1.8 V
ILOAD = 1 mA
91%
VIN = 3.6 V, VOUT = 1.8 V
ILOAD = 10 mA
94%
VIN = 3.6 V, VOUT = 1.8 V
ILOAD = 100 mA
94%
VIN = 3.6 V, VOUT = 1.8 V
ILOAD = 200 mA
94%
VIN = 3.6 V, VOUT = 1.8 V
ILOAD = 300 mA
92%
VIN = 3.6 V, VOUT = 1.8 V
ILOAD = 350 mA
90%
VIH
Logic high input
1.3
V
VIL
Logic low input
0.4
V
IEN
Enable (EN) input current
0.01
1
µA
ƒOSC
Internal oscillator frequency
PWM mode
550
1000
1300
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com