Electronic Components Datasheet Search
  English  ▼

X  

LM3670 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3670
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3670 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3670 Datasheet HTML 6Page - Texas Instruments LM3670 Datasheet HTML 7Page - Texas Instruments LM3670 Datasheet HTML 8Page - Texas Instruments LM3670 Datasheet HTML 9Page - Texas Instruments LM3670 Datasheet HTML 10Page - Texas Instruments LM3670 Datasheet HTML 11Page - Texas Instruments LM3670 Datasheet HTML 12Page - Texas Instruments LM3670 Datasheet HTML 13Page - Texas Instruments LM3670 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
1 MHz
Oscillator
Soft
Start
Ramp
Generator
+
-
Thermal
Shutdown
Undervoltage
Lockout
VREF
+
-
0.5V
Error
Amp
Control Logic
Driver
Current Limit
Comparator
Ref1
PFM Current
Comparator
Ref2
SW
Zero Crossing
Comparator
FB
EN
VIN
PWM Comparator
pfm_low
pfm_hi
GND
Bandgap
+
-
Vcomp
1.0V
Frequency
Compensation
Adj Version
Fixed Version
10
LM3670
SNVS250F – NOVEMBER 2004 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3670
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM3670, a high-efficiency step-down DC-DC switching buck converter, delivers a constant voltage from
either a single Li-Ion or three-cell NiMH/NiCd battery to portable devices such as cell phones and PDAs. Using a
voltage mode architecture with synchronous rectification, the LM3670 can deliver up to 350 mA depending on the
input voltage and output voltage (voltage head room), and the inductor chosen (maximum current capability).
There are three modes of operation depending on the current required: pulse width modulation (PWM), pulse
frequency modulation (PFM), and shutdown. PWM mode handles current loads of approximately 70 mA or
higher. Lighter output current loads cause the device to automatically switch into PFM for reduced current
consumption (IQ = 15 µA typical) and a longer battery life. Shutdown mode turns off the device, offering the
lowest current consumption (ISHUTDOWN = 0.1 µA typical).
The LM3670 can operate up to a 100% duty cycle (PMOS switch always on) for low dropout control of the output
voltage. In this way the output voltage is controlled down to the lowest possible input voltage.
Additional features include soft-start, undervoltage lockout, current overload protection, and thermal overload
protection. As shown in Figure 17, only three external power components are required for implementation.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com