Electronic Components Datasheet Search
  English  ▼

X  

LM3670 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3670
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3670 Datasheet(HTML) 5 Page - Texas Instruments

  LM3670 Datasheet HTML 1Page - Texas Instruments LM3670 Datasheet HTML 2Page - Texas Instruments LM3670 Datasheet HTML 3Page - Texas Instruments LM3670 Datasheet HTML 4Page - Texas Instruments LM3670 Datasheet HTML 5Page - Texas Instruments LM3670 Datasheet HTML 6Page - Texas Instruments LM3670 Datasheet HTML 7Page - Texas Instruments LM3670 Datasheet HTML 8Page - Texas Instruments LM3670 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
LM3670
www.ti.com
SNVS250F – NOVEMBER 2004 – REVISED FEBRUARY 2016
Product Folder Links: LM3670
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
The input voltage range recommended for the specified output voltages are given below: VIN = 2.5 V to 5.5 V for 0. 7 V ≤ VOUT < 1.875
V, VIN = ( VOUT + VDROPOUT) to 5.5 for 1.875 ≤ VOUT ≤ 3.3 V, where VDROPOUT = ILOAD × (RDSON (P) + RINDUCTOR).
(2)
Output voltage specification for the adjustable version includes tolerance of the external resistor divider.
6.5 Electrical Characteristics
Unless otherwise specified, limits for typical values are TJ = 25°C, and minimum and maximum limits apply over the full
operating junction temperature range (
−40°C ≤ TJ ≤ +125°C); VIN = 3.6 V, VOUT = 1.8 V, IOUT = 150 mA, EN = VIN.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
See(1)
2.5
5.5
V
VOUT
Fixed output voltage: 1.2 V
2.5 V
≤ VIN ≤ 5.5 V
IOUT = 10 mA
–2%
4%
2.5 V
≤ VIN ≤ 5.5 V
0 mA
≤ IOUT ≤ 150 mA
–4.5%
4%
Fixed output voltage: 1.5 V
2.5 V
≤ VIN ≤ 5.5 V
IOUT = 10 mA
–2.5%
4%
2.5 V
≤ VIN ≤ 5.5 V
0 mA
≤ IOUT ≤ 350 mA
–5%
4%
Fixed output voltage: 1.6 V, 1.875 V
2.5 V
≤ VIN ≤ 5.5 V
IOUT = 10 mA
–2.5%
4%
2.5 V
≤ VIN ≤ 5.5V
0 mA
≤ IOUT ≤ 350 mA
–5.5%
4%
Fixed output voltage: 1.8 V
2.5 V
≤ VIN ≤ 5.5 V
IOUT = 10 mA
–1.5%
3%
2.5 V
≤ VIN ≤ 5.5 V
0 mA
≤ IOUT ≤ 350 mA
–4.5%
3%
Fixed output voltage: 3.3 V
3.6 V
≤ VIN ≤ 5.5 V
IOUT = 10 mA
–2%
4%
3.6V
≤ VIN ≤ 5.5V
0 mA
≤ IOUT ≤ 350 mA
–6%
4%
Adjustable output voltage(2)
2.5 V
≤ VIN ≤ 5.5 V
IOUT = 10 mA
–2.5%
4.5%
2.5 V
≤ VIN ≤ 5.5 V
0 mA
≤ IOUT ≤ 150 mA
–4%
4.5%
Line_reg
Line regulation
2.5 V
≤ VIN ≤ 5.5 V
IOUT = 10 mA
0.26
%/V
Load_reg
Load regulation
150 mA
≤ IOUT ≤ 350 mA
0.0014
%/mA
VREF
Internal reference voltage
0.5
V
IQ_SHDN
Shutdown supply current
TA = 85ºC
0.1
1
µA
IQ
DC bias current into VIN
No load, device is not switching
(VOUT forced higher than
programmed output voltage)
15
30
µA
VUVLO
Minimum VIN below which VOUT is
disabled
TA = −40°C ≤ TJ ≤ 125°C
2.4
V
RDSON (P)
Pin-pin resistance for PFET
VIN = VGS= 3.6V
360
690
m
Ω
RDSON (N)
Pin-pin resistance for NFET
VIN = VGS= 3.6 V
250
660
m
Ω
ILKG (P)
P channel leakage current
VDS = 5.5 V, TA = 25°C
0.1
1
µA
ILKG (N)
N channel leakage current
VDS = 5.5 V, TA = 25°C
0.1
1.5
µA
ILIM
Switch peak current limit
400
620
750
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com