Electronic Components Datasheet Search
  English  ▼

X  

LM3670 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3670
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3670 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3670 Datasheet HTML 4Page - Texas Instruments LM3670 Datasheet HTML 5Page - Texas Instruments LM3670 Datasheet HTML 6Page - Texas Instruments LM3670 Datasheet HTML 7Page - Texas Instruments LM3670 Datasheet HTML 8Page - Texas Instruments LM3670 Datasheet HTML 9Page - Texas Instruments LM3670 Datasheet HTML 10Page - Texas Instruments LM3670 Datasheet HTML 11Page - Texas Instruments LM3670 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
VOUT (50 mV/Div)
ILOAD = 280 mA
TIME (100 Ps/DIV)
ILOAD = 3 mA
VOUT (50 mV/Div)
ILOAD = 70 mA
TIME (100 Ps/DIV)
ILOAD = 0 mA
Inductor Current = 200 mA/Div
VIN = 3.6V
VIN = 4.6V
TIME (100 ms/DIV)
VOUT = 1.8V
(20 mV/Div)
VOUT = 1.8V
IOUT = 100 mA
VIN rise time = 10 ms
VIN = 3.6V
TIME (200 ms/DIV)
VIN = 2.6V
(20 mV/Div)
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
N FET
P FET
TA = 85
°C
TA = 25
°C
TA = -40
°C
-40
-20
-10
0 10 20 30 40 50 60 70 80
TEMPERATURE (
°C)
840
850
860
870
880
890
900
910
920
930
940
950
960
970
980
990
1000
1010
-30
ILOAD = 150 mA
VIN = 2.5V
VIN = 5.5V
VIN = 3.6V
8
LM3670
SNVS250F – NOVEMBER 2004 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3670
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated, VIN = 3.6 V and VOUT= 1.8 V.
Figure 7. Frequency vs Temperature
Figure 8. RDSON vs. VIN P and N Channels
VIN = 2.6 V to 3.6 V
ILOAD = 100 mA
Figure 9. Line Transient
VIN = 3.6 V to 4.6 V
ILOAD = 100 mA
Figure 10. Line Transient
ILOAD = 3 mA to 280 mA
Figure 11. Load Transient
ILOAD = 0 mA to 70 mA
Figure 12. Load Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com