Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5034
Description  LM5034 High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5034 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 17Page - Texas Instruments LM5034 Datasheet HTML 18Page - Texas Instruments LM5034 Datasheet HTML 19Page - Texas Instruments LM5034 Datasheet HTML 20Page - Texas Instruments LM5034 Datasheet HTML 21Page - Texas Instruments LM5034 Datasheet HTML 22Page - Texas Instruments LM5034 Datasheet HTML 23Page - Texas Instruments LM5034 Datasheet HTML 24Page - Texas Instruments LM5034 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
VCC1
VCC2
8V - 15V (from
external source)
LM5034
GND1
GND2
C2
C1
VIN
V
PWR
LM5034
www.ti.com
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
The average VCC regulator current required to drive the external MOSFETs is a function of the MOSFET gate
capacitance and the switching frequency (see Figure 8). To ensure VCC does not droop below the lower UVT
threshold, an external supply should be diode connected to both VCC pins to provide the required current, as
shown in Figure 31. The applied VCC voltage must be between 8V and 15V. Providing the VCC voltage higher
than the 7.7V regulation level with an external supply shuts off the internal regulator, reducing power dissipation
within the IC. Internally there is a diode from the VCC regulator output to VIN. Typically the applied voltage is
derived from an auxiliary winding on the power transformer, or on the output inductor.
Figure 31. External Power to VCC
OSCILLATOR, SYNC INPUT
The oscillator frequency is generally selected in conjunction with the system magnetic components, and any
other aspects of the system which may be affected by the frequency. The RT resistor at the RT/SYNC pin sets
the frequency according to Equation 1. Each output (OUT1 and OUT2) switches at one-half the oscillator
frequency. If the required frequency tolerance is critical in a particular application, the tolerance of the external
resistor and the frequency tolerance specified in the Electrical Characteristics table must be considered when
selecting the RT resistor.
If the LM5034 is to be synchronized to an external clock, that signal must be coupled into the RT/SYNC pin
through a 100 pF capacitor. The external synchronizing frequency must be at least 4% higher than the free
running frequency set by the RT resistor and no higher than twice the free running frequency. The RT/SYNC pin
voltage is nominally regulated at 2.0V and the external pulse amplitude should lift the pin to between 3.8V and
5.0V on the low-to-high transition. The synchronization pulse width should be between 15 and 150 ns. The RT
resistor is always required, whether the oscillator is free running or externally synchronized.
VOLTAGE FEEDBACK, COMP1, COMP2
Each COMP pin is designed to accept a voltage feedback signal from the respective regulated output via an
error amplifier and (typically) an opto-coupler. A typical configuration is shown in Figure 21. VOUT is compared to
a reference by the error amplifier which has an appropriate frequency compensation network. The amplifier’s
output drives the opto-coupler, which in turn drives the COMP pin.
When the LM5034’s two controller channels are configured to provide a single high current output, COMP1 and
COMP2 are typically connected together, and to the feedback signal from the optocoupler.
CURRENT SENSE, CS1, CS2
Each CS pin receives an input signal representative of its transformer’s primary current, either from a current
sense transformer or from a resistor in series with the source of the primary switch, as shown in Figure 32 and
Figure 33. In both cases the sensed current creates a ramping voltage across R1, and the RF/CF filter
suppresses noise and transients. R1, RF and CF should be as physically close to the LM5034 as possible, and
the ground connection from the current sense transformer, or R1, should be a dedicated track to the appropriate
GND pin. The current sense components must provide >0.5V at the CS pin when an over-current condition
exists.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com