Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5034
Description  LM5034 High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5034 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 6Page - Texas Instruments LM5034 Datasheet HTML 7Page - Texas Instruments LM5034 Datasheet HTML 8Page - Texas Instruments LM5034 Datasheet HTML 9Page - Texas Instruments LM5034 Datasheet HTML 10Page - Texas Instruments LM5034 Datasheet HTML 11Page - Texas Instruments LM5034 Datasheet HTML 12Page - Texas Instruments LM5034 Datasheet HTML 13Page - Texas Instruments LM5034 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
ICC (mA)
ICC = sum of currents
out of VCC1 and VCC2
1
10
100
1000
RT (k:)
0.01
0.1
1.0
10
8
9
10
11
12
13
14
APPLIED VCC VOLTAGE (V)
0
20
40
60
80
100
15
VCC1
and VCC2 connected together
Output Drivers = Open
OUT1, 2 load = 2200 pF, AC1, 2 load = 150 pF
50 kHz
500 kHz
1 MHz
200 kHz
Output Drivers @ 1 MHz
0
2
4
6
8
10
12
14
VOLTAGE AT VIN (V)
0
1
2
3
4
5
6
7
8
UVLO > 1.25V
VCC Pins Unloaded
0
20
40
60
80
100
0
100
200
300
400
500
600
VOLTAGE AT VIN (V)
UVLO = 0V
VCC Pins = Open
VCC Pins = 10V
0
20
40
60
80
100
0
2
4
6
8
10
12
14
VOLTAGE AT VIN (V)
VCC pins = open,
OUT1 & OUT2 load = 2200 pF
AC1 & AC2 load = 150 pF
VCC
pins = open, Driver Outputs
Open
UVLO > 1.25V
Outputs frequency = 200 kHz
VCC
pins = 10V, Driver Outputs
open or loaded
LM5034
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
IIN vs VIN
IIN vs VIN
Figure 6.
Figure 7.
ICC vs Externally Applied VCC
VCC vs VIN
Figure 8.
Figure 9.
VCC vs ICC (Externally Loaded)
Oscillator Frequency vs RT Resistor
Figure 10.
Figure 11.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com