Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5034
Description  LM5034 High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5034 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 9Page - Texas Instruments LM5034 Datasheet HTML 10Page - Texas Instruments LM5034 Datasheet HTML 11Page - Texas Instruments LM5034 Datasheet HTML 12Page - Texas Instruments LM5034 Datasheet HTML 13Page - Texas Instruments LM5034 Datasheet HTML 14Page - Texas Instruments LM5034 Datasheet HTML 15Page - Texas Instruments LM5034 Datasheet HTML 16Page - Texas Instruments LM5034 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Drivers Off
UVLO
Disable
UVLO
7.6V/6.2 V
THERMAL
SHUTDOWN
Max
. Duty
Cycle Limiter
20 PA
LM5034
VPWR
VCC
VCC
1.25V
R
1
R2
LM5034
www.ti.com
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
Figure 20. Drivers Off and VCC Disable
Startup Regulator, VIN, VCC1, VCC2
The high voltage startup regulator is integral to the LM5034. The input pin VIN can be connected directly to a
voltage between 13V and 100V, with transient capability to 105V. The startup regulator provides bias voltages to
the series pass VCC regulator and the UVLO circuit. The VCC regulator is disabled until the voltage at the UVLO
pin (described above) exceeds 1.25V. For applications where VPWR exceeds 100V the internal startup regulator
can be powered from an external startup regulator or other available low voltage source. See Applications
Information for details.
The VCC under-voltage threshold circuit (UVT) monitors the VCC regulator output. When the series pass
regulator is enabled and the internal VCC voltage increases to > 7.6V, the UVT comparator activates the PWM
controller and output drivers via the Drivers Off signal. The UVT comparator has built-in hysteresis, with the lower
threshold nominally set to 6.2V. See Figure 5 and Figure 20.
When enabled, the VCC regulated output is 7.7V ±4% with current limited to a minimum of 19 mA (typically 22
mA). The regulator’s output is split by a resistor divider to provide separate VCC1 and VCC2 rails for the two
controller channels. VCC1 powers Controller 1, drivers OUT1 and AC1, Soft-start1, and all the support functions.
VCC2 powers Controller 2, drivers OUT2 and AC2, and Soft-start2. If VCC1 and/or VCC2 are used to power
external circuitry, the current limit specification applies to the sum of the load currents at the two pins.
Splitting the VCC regulator output through two 5Ω resistors allows separate external VCC bypass capacitors to
reduce cross-talk between channels. Each VCC output pin requires a capacitor to its corresponding ground for
stability, as well as to provide the surge currents to the external MOSFETs via the gate driver outputs. The
capacitors should be the same value, and be physically close to their respective pins.
In most applications it is necessary to power VCC from an external source as the average current required at the
output drivers may exceed the current capability of the internal regulator and/or the thermal capability of the
LM5034 package (see Figure 8). Normally the external source is derived from the converter’s power stage once
the LM5034 outputs are active. See Applications Information for more information.
Drivers Off, VCC Disable
Referring to Figure 20, Drivers Off and VCC Disable are internal signals which, when active disable portions of the
LM5034. If the UVLO pin is below 1.25V, or if the thermal shutdown activates, the VCC Disable line switches high
to disable the VCC regulator. UVLO also activates the Drivers Off signal to disable the output drivers, connect the
SS1, SS2, COMP1, COMP2 and RES pins to ground, and enable the 50 µA Soft-start current sources.
If the VCC voltage falls below the under-voltage threshold of 6.2V , the UVT comparator activates only the Drivers
Off signal. The output drivers are disabled but the VCC regulator is not disabled. Additionally, the CS1, CS2, SS1,
SS2, COMP1, COMP2 and RES pins are internally grounded, and the 50 µA Soft-start current sources are
enabled.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com