Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5034
Description  LM5034 High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5034 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 2Page - Texas Instruments LM5034 Datasheet HTML 3Page - Texas Instruments LM5034 Datasheet HTML 4Page - Texas Instruments LM5034 Datasheet HTML 5Page - Texas Instruments LM5034 Datasheet HTML 6Page - Texas Instruments LM5034 Datasheet HTML 7Page - Texas Instruments LM5034 Datasheet HTML 8Page - Texas Instruments LM5034 Datasheet HTML 9Page - Texas Instruments LM5034 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LM5034
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC1 = VCC2 = 10V externally applied, RT = RDCL = 42.2kΩ, ROVLP =70kΩ, UVLO = 1.5V,
unless otherwise stated. See
(1) and (2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator (VIN, VCC1, VCC2 Pins)
VCCReg
VCC voltage
VCC1 connected to VCC2, ext. supply
7.4
7.7
8
V
disconnected.
ICC(Lim)
VCC current limit
Sum of currents out of VCC1 and VCC2
19
22
mA
with VCC1 = VCC2 = 0V.
VCC UVT
VCC Under-voltage threshold
VCC1 connected to VCC2, ext. supply
VCC - 300
VCC -
V
(VCC increasing)
disconnected, VIN =11V.
mV
100 mV
VCC decreasing
5.5
6.2
6.9
V
IIN
Startup regulator current
VIN = 90V, UVLO = 0V
500
600
µA
ICCIn
Supply current into VCC from
Output loads = open, VCC = 10V
4.3
7
mA
external source
UVLO
UVLO
Under-voltage threshold
1.22
1.25
1.28
V
IHYST
Hysteresis current
16
20
24
µA
Current Sense Input (CS1, CS2 Pins)
CS
Current Limit Threshold
0.45
0.5
0.55
V
CS delay to output
CS1 (CS2) taken from zero to 1.0V. Time
40
ns
for OUT1 (OUT2) to fall to 90% of VCC1
(VCC2). Output load = 0 pF.
Leading edge blanking time at
50
ns
CS1 (CS2)
CS1 (CS2) sink impedance
Internal pull-down FET on.
30
55
Ω
(clocked)
RCS
Equivalent input resistance at
CS taken from 0.2V to 0.5V, internal FET
42
k
Ω
CS
off.
Current Limit Restart (RES Pin)
ResTh
Threshold
2.4
2.55
2.7
V
Charge source current
15
20
25
µA
Discharge sink current
7.5
10
12.5
µA
Soft-start (SS1, SS2 Pins)
ISS
Current source (normal
35
50
65
µA
operation)
Current source during a current
0.7
1
1.3
µA
limit restart
VSS
Open circuit voltage
5
V
Oscillator (RT/SYNC Pin)
FS1
Frequency 1 (at OUT1, OUT2)
RT = 42.2 kΩ
183
200
217
kHz
FS2
Frequency 2 (at OUT1, OUT2)
RT = 13.7 kΩ
530
600
670
kHz
DC voltage
2
V
Input Sync threshold
2.6
3.3
3.7
V
PWM Controller (COMP1, COMP2, Duty Cycle Limit Pins)
Delay to output
COMP1 (COMP2) set to 2V. CS1 (CS2)
50
ns
stepped from 0 to 0.4V. Time for OUT1
(OUT2) to fall to 90% of VCC1 (VCC2).
Output load = 0 pF.
VCOMP
COMP1 (COMP2) open circuit
5
V
voltage
(1)
All electrical characteristics having room temperature limits are tested during production with TA = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
Typical specifications represent the most likely parametric norm at 25°C operation
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com