Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5034
Description  LM5034 High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5034 Datasheet(HTML) 5 Page - Texas Instruments

  LM5034 Datasheet HTML 1Page - Texas Instruments LM5034 Datasheet HTML 2Page - Texas Instruments LM5034 Datasheet HTML 3Page - Texas Instruments LM5034 Datasheet HTML 4Page - Texas Instruments LM5034 Datasheet HTML 5Page - Texas Instruments LM5034 Datasheet HTML 6Page - Texas Instruments LM5034 Datasheet HTML 7Page - Texas Instruments LM5034 Datasheet HTML 8Page - Texas Instruments LM5034 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LM5034
www.ti.com
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 105V
VCC to GND
-0.3V to 16V
RT/SYNC, RES and DCL to GND
-0.3V to 5.5V
CS Pins to GND
-0.3V to 1.25V
All other inputs to GND
-0.3V to 7V
ESD Rating(3)
Human Body Model
2kV
Storage Temperature Range
-55°C to 150°C
Junction Temperature
150°C
Lead Temperature (Soldering 4 sec),(4)
260°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
(4)
For detailed information on soldering plastic TSSOP packages, refer to the Packaging Data Book available from Texas Instruments.
Operating Ratings
(1)
VIN Voltage
13.0V to 100V
External Voltage Applied to VCC1, VCC2
8V to 15V
Operating Junction Temperature
-40°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com