Electronic Components Datasheet Search
  English  ▼

X  

LM8328 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM8328
Description  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8328 Datasheet(HTML) 3 Page - Texas Instruments

  LM8328 Datasheet HTML 1Page - Texas Instruments LM8328 Datasheet HTML 2Page - Texas Instruments LM8328 Datasheet HTML 3Page - Texas Instruments LM8328 Datasheet HTML 4Page - Texas Instruments LM8328 Datasheet HTML 5Page - Texas Instruments LM8328 Datasheet HTML 6Page - Texas Instruments LM8328 Datasheet HTML 7Page - Texas Instruments LM8328 Datasheet HTML 8Page - Texas Instruments LM8328 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
LM8328
www.ti.com
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
SIGNAL DESCRIPTIONS
DEVICE PIN FUNCTIONS
KEY AND ALTERNATE FUNCTIONS OF ALL DEVICE PINS
Ball
Function 0
Function 1
Function 2
Function 3
Pin Count
Ball Name
C1
Reset Active Low
1
RESETN
Input
C4
Supply Voltage
1
VCC
D1
Main I2C - Clk
1
SCL
E1
Main I2C - Data
1
SDA
A5
Keypad-I/O X0
Genio0
1
KPX0
B4
Keypad-I/O X1
Genio1
1
KPX1
D2
Keypad-I/O X2
Genio2
1
KPX2
E2
Keypad-I/O X3
Genio3
1
KPX3
A1
Keypad-I/O X4
Genio4
1
KPX4
B1
Keypad-I/O X5
Genio5
1
KPX5
A3
Keypad-I/O X6
Genio6
1
KPX6
A4
Keypad-I/O X7
Genio7
1
KPX7
D5
Keypad-I/O Y0
Genio8
1
KPY0
C5
Keypad-I/O Y1
Genio9
1
KPY1
B5
Keypad-I/O Y2
Genio10
1
KPY2
D4
Keypad-I/O Y3
Genio11
1
KPY3
B2
Keypad-I/O Y4
Genio12
1
KPY4
A2
Keypad-I/O Y5
Genio13
1
KPY5
B3
Keypad-I/O Y6
Genio14
1
KPY6
C2
Keypad-I/O Y7
Genio15
1
KPY7
D3
Keypad-I/O Y8
Genio16
ClockOut
PWM2
1
KPY8
PWM2
E4
Keypad-I/O Y9
Genio17
PWM1
1
KPY9
PWM1
E5
Keypad-I/O Y10
Genio18
PWM0
1
KPY10
PWM0
E3
Interrupt
Keypad-I/O Y11
Genio19
PWM2
1
IRQN
KPY11
PWM2
C3
Ground
1
GND
TOTAL
25
PIN CONFIGURATION AFTER RESET
Upon power-up or RESET the LM8328 will have defined states on all pins. Pin configuration after reset provides
a comprehensive overview on the states of all functional pins.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com