Electronic Components Datasheet Search
  English  ▼

X  

LM8328 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM8328
Description  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8328 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM8328 Datasheet HTML 8Page - Texas Instruments LM8328 Datasheet HTML 9Page - Texas Instruments LM8328 Datasheet HTML 10Page - Texas Instruments LM8328 Datasheet HTML 11Page - Texas Instruments LM8328 Datasheet HTML 12Page - Texas Instruments LM8328 Datasheet HTML 13Page - Texas Instruments LM8328 Datasheet HTML 14Page - Texas Instruments LM8328 Datasheet HTML 15Page - Texas Instruments LM8328 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
LM8328
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
www.ti.com
The event buffer content and the REVTINT and RELINT (lost event) interrupt bits are also cleared if the
KBDIC.EVTIC bit is set.
Interrupt bits in the masked interrupt register KBDMIS follow the masked KBDRIS status.
In order to support efficient Multi-byte reads from EVTCODE, the autoincrement feature is turned off for this
register. Therefore the host can continuously read the complete EVTCODE buffer by sending one command.
Figure 8. Example Host Reacting to
Interrupt for Keypad Event
MULTIPLE KEY PRESSES
The LM8328 supports up to four simultaneous key presses. Any time a single key is pressed KBDCODE0 is set
with the appropriate key code. If a second key is pressed, the key is stored in KBDCODE1 and the MULTIKEY
flag of KBDCODE0 is set. Additional key presses are stored in KBDCODE2 and KBDCODE3 accordingly. The
four registers signal the last multi key press events.
All events are stored in parallel in the EVTCODE register for the complete set of events.
All KBDCODE[3:0] registers are cleared on read.
12
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com