Electronic Components Datasheet Search
  English  ▼

X  

LM8328 Datasheet(PDF) 42 Page - Texas Instruments

Part # LM8328
Description  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8328 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM8328 Datasheet HTML 38Page - Texas Instruments LM8328 Datasheet HTML 39Page - Texas Instruments LM8328 Datasheet HTML 40Page - Texas Instruments LM8328 Datasheet HTML 41Page - Texas Instruments LM8328 Datasheet HTML 42Page - Texas Instruments LM8328 Datasheet HTML 43Page - Texas Instruments LM8328 Datasheet HTML 44Page - Texas Instruments LM8328 Datasheet HTML 45Page - Texas Instruments LM8328 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
LM8328
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
www.ti.com
GPIOWAKE2 - GPIO Wake-Up Register 2
Table 89. GPIOWAKE2 - GPIO Wake-Up Register 2
Register - Name
Address
Type
Register Function
Configures wake-up conditions for KPY[11:8]
GPIOWAKE2
0xEB
R/W
Each bit corresponds to a ball. When bit set, the corresponding ball
contributes to wakeup from auto sleep mode.
Bit - Name
Bit
Default
Bit Function
(reserved)
7:4
(reserved)
Bit 3: KPY11
KPY[11:8]WAKE
3:0
0x0
...
Bit 0: KPY8
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
−0.3V to 2.2V
Voltage at Generic IOs
−0.2V to VCC +0.2V
Voltage at Backdrive/Overvoltage IOs
−0.3V to +.4.25V
Maximum Input Current Without Latchup
±100 mA
ESD Protection Level
(Human Body Model)
2kV
(Machine Model)
200V
(Charge Device Model)
750V
Total Current into VCC Pin (Source)
100 mA
Total Current out of GND Pin (Sink)
100 mA
Storage Temperature Range
−65°C to +140°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions,
see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
DC ELECTRICAL CHARACTERISTICS
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(Temperature:
−40°C ≤ TA ≤ +85°C, unless otherwise specified)
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage (VCC)
Core Supply Voltage
1.62
1.98
V
Maximum Input voltage for Backdrive/Overvoltage IOs
3.60
V
No loads on pins; Internal Clock = ON, all
internal functional blocks running
Supply Current (IDD)
(1)
1.9
3.0
mA
VCC = 1.8V, TC = 0.5 µs
TA = 25°C
Sleep Mode HALT Current (IHALT)
(2)
VCC = 1.8V, TA = 25°C; Internal Clock =
<9
40
µA
OFF, no internal functional blocks running
IDLE Current
Internal Clock = ON, no internal functional
1
mA
blocks running
(1)
Supply and IDLE current is measured with inputs connected to VCC and outputs driven low but not connected to a load.
(2)
In sleep mode, the internal clock is switched off. Supply current in sleep mode is measured with inputs connected to VCC and outputs
driven low but not connected to a load.
42
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com