Electronic Components Datasheet Search
  English  ▼

X  

LM8328 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM8328
Description  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8328 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM8328 Datasheet HTML 2Page - Texas Instruments LM8328 Datasheet HTML 3Page - Texas Instruments LM8328 Datasheet HTML 4Page - Texas Instruments LM8328 Datasheet HTML 5Page - Texas Instruments LM8328 Datasheet HTML 6Page - Texas Instruments LM8328 Datasheet HTML 7Page - Texas Instruments LM8328 Datasheet HTML 8Page - Texas Instruments LM8328 Datasheet HTML 9Page - Texas Instruments LM8328 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
LM8328
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
www.ti.com
HALT MODE
HALT MODE DESCRIPTION
The fully static architecture of the LM8328 allows stopping the internal RC clock in Halt mode, which reduces
power consumption to the minimum level. Figure 3 shows the current in Halt mode at the maximum VCC (1.98V)
from 25°C to +85°C.
Figure 3. Halt Current vs. Temperature at 1.98V
Halt mode is entered when no key-press event, key-release event, or ACCESS.bus activity is detected for a
certain period of time (by default, 1020 milliseconds). The mechanism for entering Halt mode is always enabled
in hardware, but the host can program the period of inactivity which triggers entry into Halt mode using the
autosleep function. (See Table 47.)
ACCESS.BUS ACTIVITY
When the LM8328 is in Halt mode, only activity on the ACCESS.bus interface that matches its Slave Address will
cause the LM8328 to exit from Halt mode. However, the LM8328 will not be able to acknowledge the first bus
cycle immediately following wake-up from Halt mode. It will respond with a negative acknowledgement, and the
host should then repeat the cycle. A peripheral that is continuously active can share the bus since this activity will
not prevent the LM8328 from entering Halt mode.
LM8328 PROGRAMMING INTERFACE
The LM8328 operation is controlled from a host device by a complete register set, accessed via the I2C-
compatible ACCESS.bus interface. The ACCESS.bus communication is based on a READ/WRITE structure,
following the I2C transmission protocol. All functions can be controlled by configuring one or multiple registers.
Please refer to LM8328 REGISTER SET for the complete register set.
ACCESS.BUS COMMUNICATION
Figure 4 shows a typical read cycle initiated by the host.)
Figure 4. Master/Slave Serial Communication (Host to LM8328)
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com