Electronic Components Datasheet Search
  English  ▼

X  

LM8328 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM8328
Description  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8328 Datasheet(HTML) 4 Page - Texas Instruments

  LM8328 Datasheet HTML 1Page - Texas Instruments LM8328 Datasheet HTML 2Page - Texas Instruments LM8328 Datasheet HTML 3Page - Texas Instruments LM8328 Datasheet HTML 4Page - Texas Instruments LM8328 Datasheet HTML 5Page - Texas Instruments LM8328 Datasheet HTML 6Page - Texas Instruments LM8328 Datasheet HTML 7Page - Texas Instruments LM8328 Datasheet HTML 8Page - Texas Instruments LM8328 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
LM8328
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
www.ti.com
PIN CONFIGURATION AFTER RESET
Pins
Pin States
KPX0
KPX1
KPX2
KPX3
Full Buffer mode with an on-chip pull up resistor enabled.
KPX4
KPX5
KPX6
KPX7
KPY0
KPY1
KPY2
KPY3
KPY4
KPY5
Full Buffer mode with an on-chip pull down resistor enabled.
KPY6
KPY7
KPY8 / PWM2
KPY9 / PWM1
KPY10 / PWM0
KPY11 / IRQN / PWM2
Open Drain mode with no pull resistor enabled, driven low (IRQN).(1)
SCL
Open Drain mode with no pull resistor enabled.
SDA
(1)
The IRQN is driven low after Power-On Reset due to PORIRQ signal. The value 0x01 must be written to the RSTINTCLR register (0x84)
to release the IRQN pin.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com