Electronic Components Datasheet Search
  English  ▼

X  

PX0579/28. Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PX0579/28.
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0579/28. Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PX0579/28. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 9Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
IEC Connectors 237
A full range of quality mains rated inlets, outlets
and connectors conforming to IEC and EN 60320
specifications carrying UL, CSA, VDE and
other approvals.
With electrical ratings up to 20A, 250V (UL) these
connector ranges offer solutions to most mains
powered equipment and cable applications.
The combinations of mounting styles and
terminations include: flange fixing, snap to panel
and PCB mounting versions together with 2.8/
solder tabs, 4.8 and 6.3 fast on tabs, screw
terminal and PC spill versions.
Completing the range are insulating boots,
retaining and safety covers
In addition to the standard black moulding, most
styles are also available in either white or grey and
special colours to match OEM equipment can
also be supplied. (Subject to product approval
requirements)
Introduction
IEC Connectors
Inlets and Outlet Connectors
Distribution Units
Power Entry Modules
EMI Mains Filters
238-262
263-267
268-290
291-299


Similar Part No. - PX0579/28.

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0579/28 BULGIN-PX0579/28 Datasheet
99Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition
logo
Bulgin Limited. All rig...
PX0579/28 BULGINLIMITED-PX0579/28 Datasheet
1Mb / 25P
IEC Connectors
More results

Similar Description - PX0579/28.

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
IECA1150 ADAM-TECH-IECA1150 Datasheet
114Kb / 1P
AC INLET/OUTLET IEC 320 & MINI IEC CONNECTORS
IEC-NA-4 ADAM-TECH-IEC-NA-4 Datasheet
257Kb / 3P
AC INLET/OUTLET MINI IEC CONNECTORS
logo
Tyco Electronics
1EC1 MACOM-1EC1 Datasheet
469Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
1ED1 MACOM-1ED1 Datasheet
481Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
Compact RFI Filter with IEC Connectors
logo
List of Unclassifed Man...
116-40074 ETC2-116-40074 Datasheet
121Kb / 2P
Connectors according to DIN 41612 / IEC 60603-2
109-40015 ETC2-109-40015 Datasheet
144Kb / 2P
Connectors according to DIN 41612 / IEC 60603-2
3-1393641-1 ETC2-3-1393641-1 Datasheet
30Kb / 1P
IEC Connectors
logo
Adam Technologies, Inc.
IEC-F-1 ADAM-TECH-IEC-F-1 Datasheet
81Kb / 1P
AC INLET/OUTLET IEC 320 CONNECTORS
logo
Hirose Electric
1.85MM HIROSE-1.85MM Datasheet
210Kb / 6P
1.85mm coaxial connectors based on IEC Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com