Electronic Components Datasheet Search
  English  ▼

X  

PX0579/28. Datasheet(PDF) 26 Page - Bulgin Limited. All rights reserved.

Part # PX0579/28.
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0579/28. Datasheet(HTML) 26 Page - Bulgin Limited. All rights reserved.

Back Button PX0579/28. Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 19Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 20Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 21Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 22Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 23Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 24Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 25Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 26Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
262 IEC Connectors
Insulation Boot
Insulation Boot
PNo 11328
PNo 11987
Insulation Boot
PNo 12075
Insulation Boot
PNo 14064
IEC Connectors
Accessories
PVC Insulation Boots
Protects Rear of Connector
Protects Against Accidental Electric Shock
Specifications
Operating Temp:
Max. Working Voltage:
Flash Tested:
Material:
Flammability Rating:
RoHS
Insulation boot for
PX0575,
PX0579,
PX0580
PX0590,
PX0595
–20°C to +60°C
250V a.c.
2kV a.c.
P.V.C.
UL94V-0
Compliant
P.No. 11328
P.No. 11987
P.No. 12075
P.No. 14064
Insulation boot for
PF range
PF0001,
PF0002,
PF0006,
PF0007,
PF0011,
PF0016
(Except /PC versions)
–20°C to +60°C
250V a.c.
2kV a.c.
P.V.C.
UL94V-0
Compliant
Insulation boot for
PX0675,
PX0695,
PX0705,
PX0725,
PX0783,
PX0793,
PX0793/1
(Except /PC versions)
–20°C to +60°C
250V a.c.
2kV a.c.
P.V.C.
UL94V-0
Compliant
Insulation boot for
PX0596,
PX0598
–20°C to +60°C
250V a.c.
2kV a.c.
P.V.C.
UL94V-0
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com