Electronic Components Datasheet Search
  English  ▼

X  

PX0579/28. Datasheet(PDF) 19 Page - Bulgin Limited. All rights reserved.

Part # PX0579/28.
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0579/28. Datasheet(HTML) 19 Page - Bulgin Limited. All rights reserved.

Back Button PX0579/28. Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 16Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 17Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 19Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 20Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 21Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 22Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 23Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
IEC Connectors 255
IEC Connectors
EN60 320-2-2 Standard Sheet F Class I
Snap Fit to Panel Outlet
PC Snap Fit to Panel Outlet
PX0695/10/28
PX0695/10/PC
Panel Sizes 1, 1.5, 2.0 or
3.0mm
2.8 or 6.3mm Tabs
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Panel Sizes 1, 1.5, 2.0 or
3.0mm
PC Spills
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Specifications
Fixing:
Terminations:
Colours:
Max. Rating:
Contact Resistance:
Insulation Resistance:
A.C. Breakdown:
Operating Temp.
Mouldings:
Contacts:
Approvals:
Accessories / Notes:
Mates with:
RoHS
Snap fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
/28 (2.8mm solder), /63 (6.3mm tab)
No suffix (Black), /WH (White), /GY (Grey)
10A, 250V a.c.
(UL & CSA 15A, 250V a.c.)
<10mΩ
>10⁴ MΩ
Pole-Pole 7kV. Poles-Panel 9kV
–40°C to +70°C
Nylon, Flammability Rating UL94V-0
Brass, Tin Plated
P.No. 12075, 14228 (See Page 151-152)
VDE and ENEC approval for black
versions only.
PX0685, PX0686, PX0686/SE,
Compliant
PX0695/Panel/Term/Col
PX0695/Panel/PC/Col
Snap fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
P.C. Spills
No suffix (Black), /WH (White), /GY (Grey)
10A, 250V a.c.
(UL & CSA 15A, 250V a.c.)
<10mΩ
>10⁴ MΩ
Pole-Pole 4kV. Poles-Panel 9kV
–40°C to +70°C
Nylon, Flammability Rating UL94V-0
Brass, Tin Plated
P.No. 14228 (see page 151)
VDE and ENEC approval for black
versions only.
PX0685, PX0686, PX0686/SE,
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com