Electronic Components Datasheet Search
  English  ▼

X  

PX0579/28. Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # PX0579/28.
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0579/28. Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  PX0579/28. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 9Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
240 IEC Connectors
Rewirable Cold Condition
IEC Connectors
EN60 320-1 Standard Sheet C13 Class I
Straight Female Connector
Side Entry Female Connector
Angled Female Connector
PX0587
PX0587/SE
PX0588
Cable Mounting
Rewirable
Screw Terminals
10A, 250V a.c.
Cable Mounting
Rewirable
Screw Terminals
10A, 250V a.c.
Cable Mounting
Rewirable
Screw Terminals
10A, 250V a.c.
Specifications
Terminations:
Colours:
Max. Rating:
Contact Resistance:
Insulation Resistance:
A.C. Breakdown:
Operating Temp.
Withdrawal Force:
Mouldings:
Contacts
Approvals:
Accessories / Notes:
Mating Inlets:
RoHS
Screw Terminals
No suffix (Black), /WH (White), /GY (Grey
10A, 250V a.c.
<10mΩ
>10³ MΩ
Pole-Pole 4.5kV.
(Poles-Accessible) Parts 4kV
–40°C to +70°C
10N (Min.) 50N (Max.)
Nylon, Flammability Rating UL94V-0
Brass, Clean
VDE and ENEC approval for black and white
versions only.
PX0575, PX0579, PX0580, PF0001,
PF0011, PF0030, PF0033
Compliant
PX0587/Col
PX0587/SE/Col
Screw Terminals
No suffix (Black), /WH (White), /GY (Grey)
10A, 250V a.c.
<10mΩ
>10³ MΩ
Pole-Pole 4.5kV.
(Poles-Accessible) Parts 4kV
–40°C to +70°C
10N (Min.) 50N (Max.)
Nylon, Flammability Rating UL94V-0
Brass, Clean
VDE and ENEC approval for black and white
versions only.
PX0575, PX0579, PX0580, PF0001,
PF0011, PF0030, PF0033
Compliant
PX0588
Screw Terminals
-
10A, 250V a.c.
<10mΩ
>10³ MΩ
Pole-Pole 5kV.
(Poles-Accessible) Parts 3.5kV
–40°C to +70°C
10N (Min.) 50N (Max.)
Nylon, Flammability Rating UL94V-0
Brass, Clean
PX0575, PX0579, PX0580,
PF0001,PF0011, PF0030, PF0033
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com