Electronic Components Datasheet Search
  English  ▼

X  

PX0579/28. Datasheet(PDF) 21 Page - Bulgin Limited. All rights reserved.

Part # PX0579/28.
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0579/28. Datasheet(HTML) 21 Page - Bulgin Limited. All rights reserved.

Back Button PX0579/28. Datasheet HTML 17Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 19Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 20Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 21Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 22Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 23Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 24Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 25Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
IEC Connectors 257
IEC Connectors
EN60 320-2-2 Standard Sheet H Class II
Flange Mount Outlet
Snap Fit to Panel Outlet
PX0705/28
PX0725/10/28
Two Pin Class II (No Earth Pin)
2.8, 4.8 or 6.3mm Tabs
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Two Pin Class II (No Earth Pin)
Panel Sizes 1, 1.5, 2.0 or
3.0mm
2.8, 4.8 or 6.3mm Tabs
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Specifications
Fixing:
Terminations:
Colours:
Max. Rating:
Contact Resistance:
Insulation Resistance:
A.C. Breakdown:
Operating Temp.
Mouldings:
Contacts:
Approvals:
Accessories / Notes:
RoHS
Flange
/28 (2.8mm solder), /48 (4.8mm tab)
/63 (6.3mm tab)
No suffix (Black), /WH (White), /GY (Grey)
10A, 250V a.c.
(UL & CSA 15A, 250V a.c.)
<10mΩ
>10⁴ MΩ
Pole-Pole 4kV. Poles-Panel 9kV
–40°C to +70°C
Nylon, Flammability Rating UL94V-0
Brass, Tin Plated
P.No. 12075 (See Page 152)
VDE and ENEC approval for black
versions only.
Compliant
PX0705/Term/Col
PX0725/Panel/Term/Col
Snap fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
/28 (2.8mm solder), /48 (4.8mm tab)
/63 (6.3mm tab)
No suffix (Black), /WH (White), /GY (Grey)
10A, 250V a.c.
(UL & CSA 15A, 250V a.c.)
<10mΩ
>10⁴ MΩ
Pole-Pole 7kV. Poles-Panel 9kV
–40°C to +70°C
Nylon, Flammability Rating UL94V-0
Brass, Tin Plated
P.No. 12075 (See Page 152)
VDE and ENEC approval for black
versions only.
Compliant
UR approvals does not
cover 4.8mm tab option
UR approvals does not
cover 4.8mm tab option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com