Electronic Components Datasheet Search
  English  ▼

X  

PX0579/28. Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # PX0579/28.
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0579/28. Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  PX0579/28. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PX0579/28. Datasheet HTML 9Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
IEC Connectors 239
Cable Mounting
IEC Connectors
IEC60320 Mains Connectors and Plug Connectors
IEC60 320-1
Sheet No:
C13
C15
C19
No Pins
3
3
3
Rewirable
PX0587
PX0588
PX0597
PX0599
Side Entry
Rewirable
PX0587/SE
Current Rating
10A, 250V a.c.
10A, 250V a.c.
16A, 250V a.c.
IEC60 320-2-2
Sheet No:
E
No Pins
3
Rewirable
PX0686
Side Entry
Rewirable
PX0685
PX0686/SE
Current Rating
10A, 250V a.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com