Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFG Datasheet(PDF) 57 Page - Eaton All Rights Reserved.

Part # EGC2016AFG
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFG Datasheet(HTML) 57 Page - Eaton All Rights Reserved.

Back Button EGC2016AFG Datasheet HTML 53Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 54Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 55Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 56Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 57Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 58Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 59Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 60Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 61Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-57
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Front and Right Side Operation, continued
Note
1 200 kA short-circuit rating.
Ampere Rating
(Frame)
(Fuse Class)
Number
of Poles
Switch
Body Only
Direct Handle
(Black)
External Front
Pistol Handle
(Choose One)
External Right Side
Pistol Handle (Choose One)
60 1
(K Frame) (J)
2
R9K2060FJ
DHR9J2M
Black
1,3R,12
PHB2N12F
Red
1,3R,12
PHR2N12F
Black
4,4X
PHB2N4XF
Red
4,4X
PHR2N4XF
Black
4,4X
(w/ TEST Position)
PHB2N4XFT
Red
4,4X
(w/ TEST Position)
PHR2N4XFT
Black
4, 4X
PHB2N4XS
Red
4, 4X
PHR2N4XS
3
R9K3060FJ
4
R9K4060FJ
100
(K Frame) (J)
2
R9K2100FJ
3
R9K3100FJ
4
R9K4100FJ
200
(L Frame) (J)
2
R9L2200FJ
3
R9L3200FJ
4
R9L4200FJ
400
(M Frame) (J)
3
R9M3400FJ
—
4
R9M4400FJ
600
(N Frame) (J)
2
R9N2600FJ
DHR9N
Black
4, 4X
PHB3N4XF
Red
4,4X
PHR3N4XF
3
R9N3600FJ
4
R9N4600FJ
800
(N Frame) (L)
2
R9N2800FL
3
R9N3800FL
4
R9N4800FL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com