Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFG Datasheet(PDF) 20 Page - Eaton All Rights Reserved.

Part # EGC2016AFG
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFG Datasheet(HTML) 20 Page - Eaton All Rights Reserved.

Back Button EGC2016AFG Datasheet HTML 16Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 17Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 18Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 19Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 20Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 21Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 22Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 23Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 24Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
V9-T1-20
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
QUICKLAG Type QC Miniature Circuit Breakers—Cable-In/Cable-Out Type QCD
Features
For Cable-In/Cable-Out DIN rail Mount HVAC Applications
●
Single-, two- and three-pole options
●
Modular construction
●
DIN mounted (symmetrical rail 35 in x 7.5 in DIN/EN 50 022)
●
Flexible power feed connection: wire size, position
●
Same breaker size for entire rating range
●
Field-mountable accessories: finger-shroud proof, quick
connect terminals, jumper units
Catalog Number Selection
QUICKLAG Type QC Miniature Circuit Breakers—Cable-In/Cable-Out Type QCD
Product Selection
QUICKLAG Type QCD 10,000 Ampere I.C. Thermal-Magnetic Breakers
Continuous Ampere
Rating at 40ºC
Single-Pole, 120/240 Vac
Catalog Number
Two-Pole, 120/240 Vac
Catalog Number
Three-Pole, 240 Vac
Catalog Number
10
QCD1010
QCD2010
—
15
QCD1015
QCD2015
QCD3015H
20
QCD1020
QCD2020
QCD3020H
30
QCD1030
QCD2030
QCD3030H
40
QCD1040
QCD2040
QCD3040H
50
QCD1050
QCD2050
QCD3050H
60
QCD1060
QCD2060
QCD3060H
70
—
QCD2070
QCD3070H
100
—
QCD2100
QCD3100H
Breaker Type
QCD = QCD breaker
Ampere Rating
010 = 10 amp
015 = 15 amp
020 = 20 amp
025 = 25 amp
030 = 30 amp
035 = 35 amp
040 = 40 amp
045 = 45 amp
050 = 50 amp
055 = 55 amp
060 = 60 amp
070 = 70 amp
080 = 80 amp
090 = 90 amp
100 = 100 amp
Construction
H = 240V (two- and
three-pole only)
QCD 3 020 H
Number of Poles
1 = Single-pole
2 = Two-pole
3 = Three-pole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com