Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFG Datasheet(PDF) 6 Page - Eaton All Rights Reserved.

Part # EGC2016AFG
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFG Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

Back Button EGC2016AFG Datasheet HTML 2Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 3Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 4Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 5Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 6Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 7Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 8Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 9Page - Eaton All Rights Reserved. EGC2016AFG Datasheet HTML 10Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
V9-T1-6
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
JG Frame
LG Frame
Note
1 A = Arc reduction, L = Long, S = Short, I = Instantaneous, G = Ground.
J G S 3 250 FA G C
Frame
J
Performance
600
480
415
240
E
18
25
25
65
S
18
35
40
85
H
25
65
70
100
C
35
100
100
200
U
50
150
150
200
X
50
200
200
200
K
Molded case switch
Standard/Application
G = IEC/CE/UL/CSA
Amperes
050
070
080
090
100
125
150
160
175
200
225
250
Trip Unit
AA = Adjustable thermal
Adjustable magnetic
FA = Fixed thermal
Adjustable magnetic
KS = Molded case switch
33 = 310+ electronic LS
32 = 310+ electronic LSI
35 = 310+ electronic LSG
36 = 310+ electronic LSIG
NN = Frame only (no trip)
Terminations/Hardware
Terminals
Mounting Hardware
M = Metric end caps
E = Imperial end caps
G = Line/load standard
Metric
Imperial
Metric
Rating
Blank = 80% rated
C = 100% rated
Number of Poles
2 = Two
3 = Three
4 = Four—Neutral 0% protected
8 = Four—Neutral 0–60% protected
9 = Four—Neutral 100% protected
L G S 3 600 FA G C
Frame
L
Performance
600
480
415
240
E
18
35
35
65
S
25
50
50
85
H
35
65
70
100
C
50
100
100
200
U
65
150
150
200
X
65
200
200
200
K
Molded case switch
Standard/Application
G = IEC/CE/UL/CSA
Amperes
250
300
350
400
500
600
630
Number of Poles
3 = Three
4 = Four—Neutral 0% protected
6 = Four—Neutral 60% protected
7 = Four—Neutral 100% protected
8 = Four—Neutral 0–60% protected
9 = Four—Neutral 0–100 protected
Trip Unit 1
AA = Adjustable thermal
Adjustable magnetic
FA = Fixed thermal
Adjustable magnetic
KS = Molded case switch
33 = 310+ electronic LS
32 = 310+ electronic LSI
35 = 310+ electronic LSG
36 = 310+ electronic LSIG
38 = 310+ electronic ALSI
39 = 310+ electronic ALSIG
NN = Frame only (no trip)
Terminations/Hardware
Terminals
Mounting Hardware
M = Metric end caps
E = Imperial end caps
G = Line/load standard
W = Without terminals
Metric
Imperial
Metric
—
Rating
Blank = 80% rated
C = 100% rated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com